Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LV00 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LV00
Description  QUADRUPLE 2-INPUT NAND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV00 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LV00 Datasheet HTML 1Page - Unisonic Technologies U74LV00 Datasheet HTML 2Page - Unisonic Technologies U74LV00 Datasheet HTML 3Page - Unisonic Technologies U74LV00 Datasheet HTML 4Page - Unisonic Technologies U74LV00 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LV00
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-960,A
QUADRUPLE 2-INPUT
NAND GATE
DESCRIPTION
The U74LV00 is designed for 2V to 5.5V VCC operation.
The U74LV00 provides the function
Y=A B or
Y=A B in
positive logic.
The device is fully specified for partial-power-down applications
using Ioff. The Ioff circuitry disables the outputs, preventing damaging
current backflow through the devices when it is powered down.
FEATURES
* 2V to 5.5V VCC Operation
* Max tPD of 6.5ns at 5V
* Typical VOLP (Output Ground Bounce)<0.8V at VCC=3.3V,TA=25°C
* Typical VOHV (output VOH Undershoot)>2.3V at VCC=3.3V,TA=25°C
* Support Mixed-Mode Voltage Operation on All Ports
* Ioff Supports Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LV00L-P14-T
U74LV00G-P14-T
TSSOP-14
Tube
U74LV00L-P14-R
U74LV00G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74LV00

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LV00G-P14-R UTC-U74LV00G-P14-R Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATE
U74LV00G-P14-T UTC-U74LV00G-P14-T Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATE
U74LV00L-P14-R UTC-U74LV00L-P14-R Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATE
U74LV00L-P14-T UTC-U74LV00L-P14-T Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATE
U74LV00 UTC-U74LV00_15 Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - U74LV00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
logo
NXP Semiconductors
HEF4011UB PHILIPS-HEF4011UB Datasheet
134Kb / 8P
   Quadruple 2-input NAND gate
January 1995
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
logo
NXP Semiconductors
HEF4011B PHILIPS-HEF4011B Datasheet
25Kb / 3P
   Quadruple 2-input NAND gate
January 1995
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00_15 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com