Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4116 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4116
Description  SILICON 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4116 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4116 Datasheet HTML 1Page - Digitron Semiconductors 1N4116 Datasheet HTML 2Page - Digitron Semiconductors 1N4116 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D I G I T R O N S E M I C O N D U C T O R S
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev.20120911
1N4099-1N4135 & 1N4614-1N4627
SILICON 500mW
LOW NOISE ZENER DIODES
MAXIMUM RATINGS
Junction and Storage Temperatures:
-65°C to +200°C
DC Power Dissipation:
500mW
Power Derating:
4.0mW/°C above 50°C in DO-35
Forward Voltage @ 200mA:
@ 100mA:
1.1 Volts 1N4099-1N4135
1.0 Volts 1N4614-1N4627
ELECTRICAL CHARACTERISTICS @ 25°C
Nominal
Zener
Voltage
VZ @ lZT
(Note 1)
Zener
Test
Current
lZT
Maximum
Zener
Impedance
ZZT
(Note 2)
Maximum
Reverse
Current
lZ @ VR
Maximum
Noise
Density
ND @ lZT
Maximum
Zener
Current
lZM
(Note 3)
Maximum
Temp. Coeff.
Of Zener
Voltage
αVZ
Type
No.
Volts
μA
Ohms
μA
Volts
μV/√HZ
mA
%/°C
1N4614
1.8
250
1200
7.5
1
1
120
-0.075
1N4615
2.0
250
1250
5.0
1
1
110
-0.075
1N4616
2.2
250
1300
4.0
1
1
100
-0.075
1N4617
2.4
250
1400
2.0
1
1
95
-0.075
1N4618
2.7
250
1500
1.0
1
1
90
-0.075
1N4619
3.0
250
1600
0.8
1
1
87
-0.075
1N4620
3.3
250
1650
7.5
1.5
1
85
-0.075
1N4621
3.6
250
1700
7.5
2
1
83
-0.065
1N4622
3.9
250
1650
5.0
2
1
80
-0.060
1N4623
4.3
250
1600
4.0
2
1
77
-0.050
1N4624
4.7
250
1550
10.0
3
1
75
-0.050+0.020
1N4625
5.1
250
1500
10.0
3
2
70
-0.045+0.030
1N4626
5.6
250
1400
10.0
4
4
65
-0.020+0.040
1N4627
6.2
250
1200
10.0
5
5
61
-0.010+0.050
1N4099
6.8
250
200
10.0
5.17
40
56
0.060
1N4100
7.5
250
200
10.0
5.70
40
51
0.065
1N4101
8.2
250
200
1.0
6.24
40
46
0.070
1N4102
8.7
250
200
1.0
6.61
40
44
0.075
1N4103
9.1
250
200
1.0
6.92
40
42
0.080
1N4104
10
250
200
1.0
7.60
40
38
0.080
1N4105
11
250
200
.05
8.44
40
35
0.080
1N4106
12
250
200
.05
9.12
40
32
0.080
1N4107
13
250
200
.05
9.87
40
29
0.080
1N4108
14
250
200
.05
10.65
40
27
0.085
1N4109
15
250
100
.05
11.40
40
25
0.085
1N4110
16
250
100
.05
12.15
40
24
0.085
1N4111
17
250
100
.05
12.92
40
22
0.090
1N4112
18
250
100
.05
13.67
40
21
0.090
1N4113
19
250
150
.05
14.44
40
20
0.090
1N4114
20
250
150
.01
15.20
40
19
0.090
1N4115
22
250
150
.01
16.72
40
17
0.090
1N4116
24
250
150
.01
18.25
40
16
0.090
1N4117
25
250
150
.01
19.00
40
15
0.090
1N4118
27
250
150
.01
20.45
40
14
0.090
1N4119
28
250
200
.01
21.28
40
14
0.095
1N4120
30
250
200
.01
22.80
40
13
0.095
1N4121
33
250
200
.01
25.08
40
12
0.095
1N4122
36
250
200
.01
27.38
40
11
0.095
1N4123
39
250
200
.01
29.65
40
9.8
0.095
1N4124
43
250
250
.01
32.65
40
8.9
0.095
1N4125
47
250
250
.01
35.75
40
8.1
0.095
1N4126
51
250
300
.01
38.76
40
7.5
0.100
1N4127
56
250
300
.01
42.60
40
6.7
0.100


Similar Part No. - 1N4116

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4116 CDI-DIODE-1N4116 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4116 MCC-1N4116 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4116 KNOX-1N4116 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4116 MICROSEMI-1N4116 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4116 MICROSEMI-1N4116 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - 1N4116

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
1N4151 MCC-1N4151_13 Datasheet
313Kb / 4P
   500mW Silicon Switching Diode
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com