Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4710 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4710
Description  SILICON 250mW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4710 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4710 Datasheet HTML 1Page - Digitron Semiconductors 1N4710 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4678-1N4717
SILICON 250mW ZENER DIODES
MAXIMUM RATINGS
Operating and Storage Temperature:
-65 to +175°C
DC Power Dissipation:
500 mW @ +50°C
DC Power Derating:
4mW/°C above +50°C
Forward Voltage @ 200mA:
1.1 Volts maximum
ELECTRICAL CHARACTERISTICS
Nominal Zener
Voltage
Zener Test
Current
Maximum Voltage
Regulation
(note 2)
Maximum Reverse
Leakage Current
Maximum DC Zener
Current
VZ
lZT
VZ
lR @ VR
lZM
Part
number
(note 1)
Volts
μA
Volts
μA
Volts
mA
1N4678
1.8
50
0.70
7.5
1.0
120.0
1N4679
2.0
50
0.70
5.0
1.0
110.0
1N4680
2.2
50
0.75
4.0
1.0
100.0
1N4681
2.4
50
0.80
2.0
1.0
95.0
1N4682
2.7
50
0.85
1.0
1.0
90.0
1N4683
3.0
50
0.90
0.8
1.0
85.0
1N4684
3.3
50
0.95
7.5
1.5
80.0
1N4685
3.6
50
0.95
7.5
2.0
75.0
1N4686
3.9
50
0.97
5.0
2.0
70.0
1N4687
4.3
50
0.99
4.0
2.0
65.0
1N4688
4.7
50
0.99
10.0
3.0
60.0
1N4689
5.1
50
0.97
10.0
3.0
55.0
1N4690
5.6
50
0.96
10.0
4.0
50.0
1N4691
6.2
50
0.95
10.0
5.0
45.0
1N4692
6.8
50
0.90
10.0
5.1
35.0
1N4693
7.5
50
0.75
10.0
5.7
31.8
1N4694
8.2
50
0.50
1.0
6.2
29.0
1N4695
8.7
50
0.10
1.0
6.6
27.4
1N4696
9.1
50
0.08
1.0
6.9
26.2
1N4697
10.0
50
0.10
1.0
7.6
24.8
1N4698
11.0
50
0.11
0.05
8.4
21.6
1N4699
12.0
50
0.12
0.05
9.1
20.4
1N4700
13.0
50
0.13
0.05
9.8
19.0
1N4701
14.0
50
0.14
0.05
10.6
17.5
1N4702
15.0
50
0.15
0.05
11.4
16.3
1N4703
16.0
50
0.16
0.05
12.1
15.4
1N4704
17.0
50
0.17
0.05
12.9
14.5
1N4705
18.0
50
0.18
0.05
13.6
13.2
1N4706
19.0
50
0.19
0.05
14.4
12.5
1N4707
20.0
50
0.20
0.01
15.2
11.9
1N4708
22.0
50
0.22
0.01
16.7
10.8
1N4709
24.0
50
0.24
0.01
18.2
9.9
1N4710
25.0
50
0.25
0.01
19.0
9.5
1N4711
27.0
50
0.27
0.01
20.4
8.8
1N4712
28.0
50
0.28
0.01
21.2
8.5
1N4713
30.0
50
0.30
0.01
22.8
7.9
1N4714
33.0
50
0.33
0.01
25.0
7.2
1N4715
36.0
50
0.36
0.01
27.3
6.6
1N4716
39.0
50
0.39
0.01
29.6
6.1
1N4717
43.0
50
0.43
0.01
32.6
5.5
Note 1:
All part numbers shown above have a standard tolerance of +/-5% of the nominal zener volume. Vz is measured with the diode in thermal equilibrium at 25°C ±3°C.
Note 2:
VZ @ 100μA minus VZ @ 10μA.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - 1N4710

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4710 VISHAY-1N4710 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Compensated Deuices Inc...
1N4710 CDI-DIODE-1N4710 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4710 GE-1N4710 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4710 KNOX-1N4710 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4710 MICROSEMI-1N4710 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
More results

Similar Description - 1N4710

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
   250mW SILICON ZENER DIODE
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
108Kb / 2P
   250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com