Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4707 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N4707
Description  SILICON 250mW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4707 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N4707 Datasheet HTML 1Page - Digitron Semiconductors 1N4707 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4678-1N4717
SILICON 250mW ZENER DIODES
MECHANICAL CHARACTERISTICS
Case:
DO-35 (Glass)
Marking:
Alpha Numeric
Polarity:
Cathode Band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.068
0.075
1.727
1.930
BL
0.150
0.170
3.810
4.318
LD
0.018
0.022
0.457
0.559
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - 1N4707

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4707 VISHAY-1N4707 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Micro Commercial Compon...
1N4707 MCC-1N4707 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N4707 CDI-DIODE-1N4707 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4707 GE-1N4707 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4707 KNOX-1N4707 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4707

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
   250mW SILICON ZENER DIODE
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
108Kb / 2P
   250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com