Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4915 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4915
Description  12.8V TEMPERATURE COMPENSATED ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4915 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4915 Datasheet HTML 1Page - Digitron Semiconductors 1N4915 Datasheet HTML 2Page - Digitron Semiconductors 1N4915 Datasheet HTML 3Page - Digitron Semiconductors 1N4915 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4896(A)-1N4915(A)
12.8V TEMPERATURE COMPENSATED ZENER DIODE
MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
Operating and storage temperature
TJ, TSTG
-65 to +175
°C
Thermal resistance, junction to lead @ 0.375 inches from body
R
ӨJL
300
°C/W
Off state power dissipation @ TA = 50°C(1)
PD
500
mW
Maximum reverse current @ 25°C and VR = 8V
IRM
15
µA
Solder temperature @ 10s
TSP
260
°C
Note 1: Derate at 4mW/°C above TA = 50°C.
ELECTRICAL CHARACTERISTICS
Test current
(1 & 5)
Maximum
voltage change
with
temperature
(2 & 5)
Temperature
range
Effective
temperature
coefficient(3)
Maximum
dynamic
impedance(4)
Maximum
noise density
IZT
ΔVZ
αVZ
ZZT
ND
Part number
mA
Volts
°C
± %/°C
Ohms
µV/√Hz
1N4896
0.5
0.096
+25 to +100
0.01
400
0.8
1N4896A
0.5
0.198
-55 to +100
0.01
400
0.8
1N4897
0.5
0.048
+25 to +100
0.005
400
0.8
1N4897A
0.5
0.099
-55 to +100
0.005
400
0.8
1N4898
0.5
0.019
+25 to +100
0.002
400
0.8
1N4898A
0.5
0.040
-55 to +100
0.002
400
0.8
1N4899
0.5
0.010
+25 to +100
0.001
400
0.8
1N4899A
0.5
0.020
-55 to +100
0.001
400
0.8
1N4900
1.0
0.096
+25 to +100
0.01
200
0.4
1N4900A
1.0
0.198
-55 to +100
0.01
200
0.4
1N4901
1.0
0.048
+25 to +100
0.005
200
0.4
1N4901A
1.0
0.099
-55 to +100
0.005
200
0.4
1N4902
1.0
0.019
+25 to +100
0.002
200
0.4
1N4902A
1.0
0.040
-55 to +100
0.002
200
0.4
1N4903
1.0
0.010
+25 to +100
0.001
200
0.4
1N4903A
1.0
0.020
-55 to +100
0.001
200
0.4
1N4904
2.0
0.096
+25 to +100
0.01
100
0.25
1N4904A
2.0
0.198
-55 to +100
0.01
100
0.25
1N4905
2.0
0.048
+25 to +100
0.005
100
0.25
1N4905A
2.0
0.099
-55 to +100
0.005
100
0.25
1N4906
2.0
0.019
+25 to +100
0.002
100
0.25
1N4906A
2.0
0.040
-55 to +100
0.002
100
0.25
1N4907
2.0
0.010
+25 to +100
0.001
100
0.25
1N4907A
2.0
0.020
-55 to +100
0.001
100
0.25
1N4908
4.0
0.096
+25 to +100
0.01
50
0.22
1N4908A
4.0
0.198
-55 to +100
0.01
50
0.22
1N4909
4.0
0.048
+25 to +100
0.005
50
0.22
1N4909A
4.0
0.099
-55 to +100
0.005
50
0.22
1N4910
4.0
0.019
+25 to +100
0.002
50
0.22
1N4910A
4.0
0.040
-55 to +100
0.002
50
0.22
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


Similar Part No. - 1N4915

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4915 CDI-DIODE-1N4915 Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4915 MICROSEMI-1N4915 Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4915 NJSEMI-1N4915 Datasheet
164Kb / 1P
   Diode
1N4915 NJSEMI-1N4915 Datasheet
34Kb / 1P
   Diode
logo
Compensated Deuices Inc...
1N4915A CDI-DIODE-1N4915A Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N4915

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Digitron Semiconductors
1N4765 DIGITRON-1N4765 Datasheet
174Kb / 3P
   9.1V TEMPERATURE COMPENSATED ZENER DIODE
1N821 DIGITRON-1N821 Datasheet
124Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Central Semiconductor C...
CMKTC825A CENTRAL-CMKTC825A_15 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMKTC825A CENTRAL-CMKTC825A_10 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMXTC935A CENTRAL-CMXTC935A_15 Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
   temperature compensated zener diodes
logo
Compensated Deuices Inc...
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com