Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4151 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4151
Description  SWITCHING RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4151 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4151 Datasheet HTML 1Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4149, 1N4151-1N4154,
SWITCHING RECTIFIER
1N4446-1N4449
MAXIMUM RATINGS @ 25°C
Parameter
Symbol
1N4149
1N4151
1N4152
1N4153
1N4154
1N4446
1N4447
1N4448
1N4449
Peak reverse voltage
VRM
75V
75V
40V
75V
35V
75V
75V
75V
75V
Average rectified current
IO
200mA
Forward surge current, 8.3ms
IFSM
500mA
Operating junction temperature range
TJ
-65° to 150°C
Storage temperature range
Tstg
-65° to 200°C
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Peak
inverse
voltage
Maximum forward voltage
Reverse
current
Reverse
current
Junction
capacitance
Reverse
recovery
time
IR2
CJ
PIV
IR1
TA =
150°C
VR = 0
trr
VF
nA
µA
Part
number
Vdc
@10mA
@20mA
@30mA
@50mA
@100mA
Min
Max
Min
Max
pF
ns
1N4149
75
1.0
-
-
-
-
20
25
20
50
4
4
1N4151
75
-
-
-
1.0
-
50
50
50
50
4
2
1N4152
40
0.81
0.88
-
-
-
-
50
-
50
2
2
1N4153
75
0.81
0.88
-
-
-
-
50
-
50
2
2
1N4154
35
-
-
1.0
-
-
25
100
25
100
4
2
1N4446
75
-
1.0
-
-
-
20
25
20
50
4
4
1N4447
75
-
1.0
-
-
-
20
25
20
50
4
4
1N4448
75
-
-
-
-
1.0
20
25
20
50
4
4
1N4449
75
-
-
1.0
-
-
20
25
20
50
2
4
MECHANICAL CHARACTERISTICS
Case:
DO-35
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121211


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
National Semiconductor ...
1N4151 NSC-1N4151 Datasheet
138Kb / 1P
   Diode Data
logo
SynSemi, Inc.
1N4151 SYNSEMI-1N4151 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N3600 DIGITRON-1N3600 Datasheet
134Kb / 2P
   SWITCHING RECTIFIER
1N4450 DIGITRON-1N4450 Datasheet
138Kb / 3P
   SWITCHING RECTIFIER
1N4863 DIGITRON-1N4863 Datasheet
88Kb / 1P
   SWITCHING RECTIFIER
1N4444 DIGITRON-1N4444 Datasheet
82Kb / 1P
   SWITCHING RECTIFIER
logo
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF150 TRSYS-UF150 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF600 TRSYS-UF600 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR101PT CHENMKO-SFR101PT Datasheet
70Kb / 2P
   FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
UF600 NJSEMI-UF600 Datasheet
149Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
International Rectifier
10DF6 IRF-10DF6 Datasheet
53Kb / 4P
   ULTRAFAST SWITCHING RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com