Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 79 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 79 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 75Page - Tyco Electronics 3-1376386-4 Datasheet HTML 76Page - Tyco Electronics 3-1376386-4 Datasheet HTML 77Page - Tyco Electronics 3-1376386-4 Datasheet HTML 78Page - Tyco Electronics 3-1376386-4 Datasheet HTML 79Page - Tyco Electronics 3-1376386-4 Datasheet HTML 80Page - Tyco Electronics 3-1376386-4 Datasheet HTML 81Page - Tyco Electronics 3-1376386-4 Datasheet HTML 82Page - Tyco Electronics 3-1376386-4 Datasheet HTML 83Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
213
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Applicator Options (Continued)
AMP
Soft Shell
Pin and Socket Connectors
.156 MATE-N-LOK
Contacts
350218-1
350536-1
350218-2
350536-2
350218-7
350536-7
687763-2
687763-6
687763-1
466920-1
350218-3
350536-3
350218-6
350536-6
350538-1
350537-1
350538-2
350537-2
350538-7
350537-7
687926-2
687926-6
687926-1
466989-1
350538-3
350537-3
350538-6
350537-6
350873-1
350874-1
350873-3
350874-3
466588-2
466588-3
466588-1
350922-3
350923-3
350922-6
350923-6
466597-2
466597-3
466597-1
350922-4
350923-4
350699-1
350699-2
466320-2
466320-4
466320-1
466917-1
350699-7
350687-1
350687-2
687763-2
687763-6
687763-1
466920-1
350687-7
350700-1
350700-2
687926-2
687926-6
687926-1
466989-1
350700-7
770210-1
567216-2
567216-3
567216-1
350654-1
687763-2
687763-6
687763-1
466920-1
770234-3
466597-2
466597-3
466597-1
770011-6
770012-6
567252-4
567252-1
770009-1
1-770009-0
770010-3
567214-4
567214-1
567914-1
1-770010-0
770007-1
1-770007-0
770008-3
567213-4
567213-1
567913-1
1-770008-0
770005-1
1-770005-0
770006-3
567212-4
567212-1
1-770005-1
1-770006-0
770003-3
770004-3
1-770003-0
1-770004-0
567211-4
567211-1
770193-1
1-770193-0
567213-4
567213-1
567913-1
770194-1
1-770194-0
567212-4
567212-1
61086-1
61085-1
466462-1
466462-3
466462-1
61234-1
61233-1
687765-2
687765-2
——
Strip Form Contact
Heavy-Duty Miniature Applicator Part Numbers
Part Number
Used on Bench Top Terminators
Used on Automatic Leadmaking
Used on
Pin
Socket
AMP-O-LECTRIC
AMP-O-LECTRIC
Equipment (AMPOMATOR CLS
AMP-O-MATIC
Model K Machine
Model G Machine
Machine with T or G Terminators)
Stripper-Crimper Machine
Note: Stripper Crimper (SCA) and Crimp Quality Monitor Applicators may be available. Call Technical Support for Part Numbers.
* Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Numbers.
Note: All part numbers are RoHS Compliant.
Universal
MATE-N-LOK II
Contacts
Universal
MATE-N-LOK
Contacts (Continued)


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com