Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5242 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5242
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5242 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5242 Datasheet HTML 1Page - Digitron Semiconductors 1N5242 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5221 - 1N5281
SILICON ZENER DIODES
MAXIMUM RATING
Operating and Storage Temperature
-65°C to + 200°C
DC Power Dissipation
500 mW
Power Derating
3.33 mW/C° above 25°C
Forward Voltage @ 200mA
1.1 Volts
ELECTRICAL CHARACTERISTICS @ 25°C
Max Reverse Leakage Current
Max Zener Impedance
A&B Suffix Only(2)
A, B, & D Suffix
Only
Non Suffix
IR
VR
µA
@
Volts
Part Number
(1)
Nominal
Zener
Voltage
VZ @ IZT
Volts
Test
Current
IZT
mA
ZZT @ IZT
Ohms
ZZT @
IZK=0.25mA
Ohms
A
B,C &D
IR @ VR Used For
Suffix A
µA
Max Zener Voltage
Temp. Coeff.
(A&B Suffix Only)
αVZ (%/°C)(3)
1N5221
1N5222
1N5223
1N5224
1N5225
2.4
2.5
2.7
2.8
3.0
20
20
20
20
20
30
30
30
30
29
1200
1250
1300
1400
1600
100
100
75
75
50
0.95
0.95
0.95
0.95
0.95
1.0
1.0
1.0
1.0
1.0
200
200
150
150
100
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226
1N5227
1N5228
1N5229
1N5230
3.3
3.6
3.9
4.3
4.7
20
20
20
20
20
28
24
23
22
19
1600
1700
1900
2000
1900
25
15
10
5.0
5.0
0.95
0.95
0.95
0.95
1.9
1.0
1.0
1.0
1.0
2.0
100
100
75
50
50
-0.070
-0.065
-0.060
±0.055
±0.030
1N5231
1N5232
1N5233
1N5234
1N5235
5.1
5.6
6.0
6.2
6.8
20
20
20
20
20
17
11
7.0
7.0
5.0
1600
1600
1600
1000
750
5.0
5.0
5.0
5.0
3.0
1.9
2.9
3.3
3.8
4.8
2.0
3.0
3.5
4.0
5.0
50
50
50
50
30
±0.030
+0.038
+0.038
+0.045
+0.050
1N5236
1N5237
1N5238
1N5239
1N5240
7.5
8.2
8.7
9.1
10
20
20
20
20
20
6.0
8.0
8.0
10
17
500
500
600
600
600
3.0
3.0
3.0
3.0
3.0
5.7
6.2
6.2
6.7
7.6
6.0
6.5
6.5
7.0
8.0
30
30
30
30
30
+0.058
+0.062
+0.065
+0.068
+0.075
1N5241
1N5242
1N5243
1N5244
1N5245
11
12
13
14
15
20
20
9.5
9.0
8.5
22
30
13
15
16
600
600
600
600
600
2.0
1.0
0.5
0.1
0.1
8.0
8.7
9.4
9.5
10.5
8.4
9.1
9.9
10
11
30
10
10
10
10
+0.076
+0.077
+0.079
+0.082
+0.082
1N5246
1N5247
1N5248
1N5249
1N5250
16
17
18
19
20
7.8
7.4
7.0
6.6
6.2
17
19
21
23
25
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
11.4
12.4
13.3
13.3
14.3
12
13
14
14
15
10
10
10
10
10
+0.083
+0.084
+0.085
+0.086
+0.086
1N5251
1N5252
1N5253
1N5254
1N5255
22
24
25
27
28
5.6
5.2
5.0
4.6
4.5
29
33
35
41
44
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
16.2
17.1
18.1
20
20
17
18
19
21
21
10
10
10
10
10
+0.087
+0.088
+0.089
+0.090
+0.091
1N5256
1N5257
1N5258
1N5259
1N5260
30
33
36
39
43
4.2
3.8
3.4
3.2
3.0
49
58
70
80
93
600
700
700
800
900
0.1
0.1
0.1
0.1
0.1
22
24
26
29
31
23
25
27
30
33
10
10
10
10
10
+0.091
+0.092
+0.093
+0.094
+0.095
1N5261
1N5262
1N5263
1N5264
1N5265
47
51
56
60
62
2.7
2.5
2.2
2.1
2.0
105
125
150
170
185
1000
1100
1300
1400
1400
0.1
0.1
0.1
0.1
0.1
34
37
41
44
45
36
39
43
46
47
10
10
10
10
10
+0.095
+0.096
+0.096
+0.097
+0.097
1N5266
1N5267
1N5268
1N5269
1N5270
68
75
82
87
91
1.8
1.7
1.5
1.4
1.4
230
270
330
370
400
1600
1700
2000
2200
2300
0.1
0.1
0.1
0.1
0.1
49
53
59
65
66
52
56
62
68
69
10
10
10
10
10
+0.097
+0.098
+0.098
+0.099
+0.099
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120712


Similar Part No. - 1N5242

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5242 SURGE-1N5242 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5242 DAYA-1N5242 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5242 HORNBY-1N5242 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5242 SEME-LAB-1N5242 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5242 JINANJINGHENG-1N5242 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5242

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com