Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376385-4 Datasheet(PDF) 52 Page - Tyco Electronics

Part # 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376385-4 Datasheet(HTML) 52 Page - Tyco Electronics

Back Button 3-1376385-4 Datasheet HTML 48Page - Tyco Electronics 3-1376385-4 Datasheet HTML 49Page - Tyco Electronics 3-1376385-4 Datasheet HTML 50Page - Tyco Electronics 3-1376385-4 Datasheet HTML 51Page - Tyco Electronics 3-1376385-4 Datasheet HTML 52Page - Tyco Electronics 3-1376385-4 Datasheet HTML 53Page - Tyco Electronics 3-1376385-4 Datasheet HTML 54Page - Tyco Electronics 3-1376385-4 Datasheet HTML 55Page - Tyco Electronics 3-1376385-4 Datasheet HTML 56Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
186
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Universal MATE-N-LOK Circular Connectors
Applications
I
Primary applications are in
the Lighting, Vending, and
Appliance industries
I
Applications where use of a
completed harness that will
pass through a 7/8 inch
knock-out is required
I
Provides the capability to
quickly disconnect
individual fixtures from
sensitive environmental
areas and perform
maintenance at other sites
I
Not for interrupting current
Product Facts
I
Unique product designed to
accommodate the specific
needs of the lighting
industry
I
Circular design allows the
connector to pass through
7/8 inch knock-out holes in
electrical fixtures and boxes
I
6-position accommodates
most major electrical
industry requirements
I
Universal MATE-N-LOK
connector centerline
spacing maintains UL and
CSA approvals
I
Uses standard Universal
MATE-N-LOK contacts and
application tooling
I
Positive polarized housing
helps prevent incorrect
mating
I
UL Recognized,
File No. E28476
I
CSA Certified,
File No. LR7189
Performance Characteristics
Voltage—600 V AC or DC
Current—20 amps maximum per
UL-1977 (6 position, fully ener-
gized)
Dielectric Withstanding Voltage—
5 KVAC or KVDC
Insulation Resistance—1000 MΩ
max. between adjacent circuits
Durability—50 cycles mating and
unmating
Contact Retention—
15 lb. minimum per contact
R
Technical Documents
Product Specification
108-2069 Universal MATE-N-LOK
Circular Connector
Application Specification
114-1010 Universal MATE-N-LOK
Connectors


Similar Part No. - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com