Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376385-4 Datasheet(PDF) 73 Page - Tyco Electronics

Part # 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376385-4 Datasheet(HTML) 73 Page - Tyco Electronics

Back Button 3-1376385-4 Datasheet HTML 69Page - Tyco Electronics 3-1376385-4 Datasheet HTML 70Page - Tyco Electronics 3-1376385-4 Datasheet HTML 71Page - Tyco Electronics 3-1376385-4 Datasheet HTML 72Page - Tyco Electronics 3-1376385-4 Datasheet HTML 73Page - Tyco Electronics 3-1376385-4 Datasheet HTML 74Page - Tyco Electronics 3-1376385-4 Datasheet HTML 75Page - Tyco Electronics 3-1376385-4 Datasheet HTML 76Page - Tyco Electronics 3-1376385-4 Datasheet HTML 77Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
207
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling
AMP
Soft Shell
Pin and Socket Connectors
Semiautomatic bench crimping
machines that also strip the
wire, and are therefore used for
terminating jacketed cable.
Feature manual precision
adjustment of crimp height,
keyed strip blades for faster,
more accurate setups, and an
efficient scrap removal system.
All adjustments can be made
from the front of the machines
without special tools. Available
with crimp quality monitoring.
Specifications
Width—14 [355]
Depth—18 [457]
Height—33 [838] without reel
Weight—150 lb [68 kg]
Electrical—120 VAC, 50 or 60 Hz, .5 A
Air—80-100 psi [5.52-6.90 bar], 3.5
scfm [0.00165 m3/s]
Wire Range—32-14 AWG
[0.03-2 mm2]
For more information, request Catalog
65004.
AMP-O-LECTRIC Model “G”
Terminating Machines,
354500-1, -9, -11
AMP-O-MATIC
Stripper-Crimper Machine,
854040-3, -4
Semiautomatic Machines
Semiautomatic bench machines
for crimping reeled terminals
and contacts, featuring a quiet
and reliable direct motor drive,
microprocessor controls for
ease of setup and operation,
and guarding and lighting
designed for operator conven-
ience and safety. All models
are equipped with either
manual or automatic precision
adjustment of crimp height.
Machine-mounted sensors are
available for crimp quality
monitoring using conventional
miniature-style applicators.
Specifications
Width—18.7-25.3 [475-643] depend-
ing on applicator type
Depth—21.5-28.1 [546-713] depend-
ing on applicator type
Height—20 [508]
Weight—240 lb [110 kg]
Electrical—120 or 220 VAC, 50 or 60 Hz
Air—90-110 psi [6.21-7.59 bar],
6 scfm [0.00282 m3/s] when required
with air-feed applicators
Wire Range—26-10 AWG [0.12-6
mm2] solid or stranded, depending on
product applied
For more information, request Catalog
65828, Catalog 82275 [Crimp
Quality Monitor (CQM)].
Crimp Quality Monitor
This system measures the crimp
height of each termination as it
is made. It also evaluates the
quality of each crimp. If a crimp
is questionable, the monitor
alerts the operator with both
visual and audible alarms. It
also features ports for printing
and networking. For use with
AMP-O-LECTRIC Model “G”
and AMP-O-MATIC Stripper-
Crimper Machines, the monitor
is mounted to the machine. For
use with AMPOMATOR CLS IV+
Machines, it is integrated into
the machine’s operating system,
with the displays appearing on
the machine’s touch screen.
For more information, request Catalog
82275.
Note: This listing is for reference purposes only. To obtain part numbers for specific applications call Technical Support.
As value oriented terminators,
the AMP 3K/40 and AMP 5K/40
are designed for customers
that require the increased
output and quality of a semi-
automatic machine at a com-
petitive price. By incorporating
the most commonly requested
features as standard and
offering a long list of optional
equipment, these terminators
offer flexibility to meet the
specific needs of various
applications at the lowest
possible cost.
AMP 3K/40 and AMP 5K/40
Terminators
The combination of the
Stripping Module with the
AMP-O-LECTRIC Model G
Terminator or the AMP 3K/40,
5K/40 provides an economical,
proficient method of stripping
wire and crimping terminals
on the same machine. Wires
are stripped moments before
crimping, meaning there is
virtually no chance of damag-
ing wire conductors during
handling or storage. Once the
wire is fed into the start sensor
the Stripping Module does the
rest, improving placement
accuracy.
For more information, request
Catalog 1309085.
Optional Stripping Module for the AMP 3K/40, AMP 5K/40
and AMP-O-LECTRIC Model G Terminators


Similar Part No. - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com