Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5559-04P3-225 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5559-04P3-225
Description  Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5559-04P3-225 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5559-04P3-225 Datasheet HTML 1Page - Molex Electronics Ltd. 5559-04P3-225 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
26-01-3093
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit Jr.™ Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
Nylon 6/6, UL 94V-0, 4 Circuits, Glow Wire Compatible
Documents:
3D Model
Packaging Specification PK-5559-003 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5559
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
884982186927
Physical
Circuits (maximum)
4
Color - Resin
Black
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.334/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
5559-04P3-225
Reference - Drawing Numbers
Packaging Specification
PK-5559-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5559Series
Mates With
5557 Receptacle Housing
Use With
5558 Male Terminal


Similar Part No. - 5559-04P3-225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5559-04P3-210 MOLEX3-5559-04P3-210 Datasheet
344Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 4 Circuits
5559-04P3-210 MOLEX11-5559-04P3-210 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
More results

Similar Description - 5559-04P3-225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-01-3096 MOLEX11-26-01-3096 Datasheet
61Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears
39-01-4046 MOLEX11-39-01-4046 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
39-01-4056 MOLEX11-39-01-4056 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
39-01-4036 MOLEX11-39-01-4036 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
39-01-4057 MOLEX11-39-01-4057 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
39-01-4047 MOLEX11-39-01-4047 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
39-01-4037 MOLEX11-39-01-4037 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Single Row without Panel Mount Ears, PA Polyamide
1726460413 MOLEX1-1726460413 Datasheet
30Kb / 2P
   Mini-Fit Jr. Plug Housing, Single Row without Panel Mount Ears, PA Polyamide Nylon
0039014057 MOLEX3-0039014057 Datasheet
344Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Plug Housing, Single Row, without Panel Mount Ears
1726460313 MOLEX1-1726460313 Datasheet
30Kb / 2P
   Mini-Fit Jr. Plug Housing, Single Row without Panel Mount Ears, PA Polyamide Nylon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com