Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKJ250 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKJ250
Description  Standard Diodes, 250 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKJ250 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKJ250 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKJ250 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKJ250 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKJ250 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.nellsemi.com
RoHS
RoHS
SEMICONDUCTOR
Nell Semiconductors
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
NKD250
08
800
900
20
12
1200
1300
16
1600
1700
20
2000
2100
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
250
100
Maximum RMS forward current
I F(RMS)
180° conduction, half sine wave at TC = 100 °C
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
11.0
kA
t = 8.3 ms
Maximum I2t for fusing
t = 10 ms
605
kA2s
t = 8.3 ms
t = 10 ms
100 % VRRM
reapplied
424
t = 8.3 ms
Maximum 2
I √t for fusing
Maximum forward voltage drop
Ipk = 1000 A, TJ = 25 °C
390
552
2
I t
V
1.40
2
kA √t
6050
2
I √t
VFM
t = 0.1ms to 10 ms, no voltage reapplied
11.6
A
392
°C
A
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
RMS insulation voltage
VINS
t = 1 s
3000
V
Maximum peak reverse and
off-state leakage current
IRRM
TJ = T
J
maximum, rated VRRM applied
20
mA
TJ = 25 °C
µA
20
NKJ250
NKC250
NKD250/NKJ250/NKC250 Series
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to ca se per junction
RthJC
DC operation
0.14
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
0.044
Mounting torque
± 10 %
MAP to heatsink, M6
A mounting compound is recommended and the torque
should be rechecked after a period of 3 hours to allow
for the spread of the compound.
4
Nm
busbar to MAP, M8
12
Approximate weight
900
g
Case style
See dimensions - link at the end of datasheet
MAGN-A-PAK


Similar Part No. - NKJ250

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKJ250 NELLSEMI-NKJ250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
NKJ250 NELLSEMI-NKJ250 Datasheet
663Kb / 4P
   Standard Diodes
More results

Similar Description - NKJ250

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
NKD800 NELLSEMI-NKD800 Datasheet
350Kb / 4P
   Standard Diodes, 800 A
NKD600 NELLSEMI-NKD600 Datasheet
386Kb / 5P
   Standard Diodes, 600 A
NKD350 NELLSEMI-NKD350 Datasheet
460Kb / 4P
   Standard Diodes, 350 A
NKD500 NELLSEMI-NKD500 Datasheet
260Kb / 4P
   Standard Diodes, 500 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com