Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-215083-0 Datasheet(PDF) 62 Page - Tyco Electronics

Part # 9-215083-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-215083-0 Datasheet(HTML) 62 Page - Tyco Electronics

Back Button 9-215083-0 Datasheet HTML 58Page - Tyco Electronics 9-215083-0 Datasheet HTML 59Page - Tyco Electronics 9-215083-0 Datasheet HTML 60Page - Tyco Electronics 9-215083-0 Datasheet HTML 61Page - Tyco Electronics 9-215083-0 Datasheet HTML 62Page - Tyco Electronics 9-215083-0 Datasheet HTML 63Page - Tyco Electronics 9-215083-0 Datasheet HTML 64Page - Tyco Electronics 9-215083-0 Datasheet HTML 65Page - Tyco Electronics 9-215083-0 Datasheet HTML 66Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
62
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
1-Row Horizontal Receptacles
1.25 Fine Pitch (FP) - 1-Row Horizontal Receptacles
Part Numbers
No. of
Dimensions
With Mounting Bosses
Without Mounting Bosses
Pos.
ABC
Tape
Bag
Tape
Bag
4
6.45
3.75
5.45
.254
.148
.215
3-175637-4
3-174638-4
3-175629-4
3-174903-4
5
7.70
5.00
6.70
.303
.197
.264
3-175637-5
3-174638-5
3-175629-5
3-174903-5
6
8.95
6.25
7.95
.352
.246
.313
3-175637-6
3-174638-6
3-175629-6
3-174903-6
7
10.20
7.50
9.20
2.35
.402
.295
.362
3-175637-7
3-174638-7
3-175629-7
3-174903-7
Slot Key
8
11.45
8.75
10.45
.451
.345
.411
3-175637-8
3-174638-8
3-175629-8
3-174903-8
10
13.95
11.25
12.95
.549
.443
.510
4-175637-0
4-174638-0
4-175629-0
4-174903-0
17
22.70
20.00
21.70
.894
.787
.854
4-174638-7
4-175629-7
4-174903-7
20
26.45
23.75
25.45
1.041
.935
1.002
5-174638-0
5-174903-0
1.25
[.049]
Pitch
Optional
Mounting Boss
A
B
C
3.40
[.134]
4.20
[.165]
0.80
[.031]
0.05
[.002]
3.00
[.118]
2.80
[.110]
0.50
[.020]
1.40
[.055]
1.35
[.053]
Min.
Min.
A
3.40
[.134]
0.70
[.028]
0.70
[.028]
1.35
[.053]
0.50
[.020]
1.30
[.051]
Ø 0.80
[.031]
PCB Mounting Layout
Material and Finish
Housing — Black PPS, UL 94V-0 rated
Contacts — Phosphor bronze,
post tin plated over nickel underplate


Similar Part No. - 9-215083-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-215083-0 MACOM-9-215083-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 9-215083-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com