Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKJ26A Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKJ26A
Description  Standard Recovery Diodes, 26A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKJ26A Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKJ26A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKJ26A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKJ26A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKJ26A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKJ26A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKJ26A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
Standard Recovery Diodes, 26A
(ADD-A-PAK Power Modules)
Nell High Power Products
Page 1 of 6
RoHS
RoHS
www.nellsemi.com
ADD-A-PAK
All dimensions in millimeters
2-Ø6.4
80
15
15
20
20
92
68
18
3-M5 SCREWS
1
2
3
These modules are intended for general purpose high
voltage applications such as high voltage regulated
power supplies, lighting circuits, temperature and
motor speed control circuits, UPS and battery charger.
FEATURES
3000 V
isolating voltage
RMS
lndustrial standard package
BENEFITS
UL approved file E320098
Glass passivated chips
High voltage
Low thermal resistance
Designed and qualified for industrial level
Compliant to RoHs
Excellent thermal performances obtained by
the usage of exposed direct bonded copper substrate
Up to 1600V
Easy mounting on heatsink
ELECTRICAL DESCRIPTION (APPLICATIONS)
High surge capability
PRODUCT SUMMARY
IF(AV)
26A
MAJOR RATINGS AND CHARACTERISTICS
UNIT
V
IFSM
IF(AV)
2
I
t
26
2
kA s
CHARACTERISTICS
IF(RMS)
T
= 100°C
C
A
41
650
680
2.11
1.92
21.1
400 to 1600
50 HZ
60 HZ
50 HZ
60 HZ
Range
ºC
-40 to 150
SYMBOL
VALUES
2
I √t
VRRM
tJ
Tstg
2
kA √s
MECHANICAL DESCRIPTION
The new generation of ADD-A-PAK
module, combines
the excellent thermal performances obtained by the usage
of exposed direct bonded copper substrate, with advanced
compact simple package solution and simplified internal
structure with minimized number of interfaces.
2
I √t
Type
Modules-Diode, High Voltage
NKD
NKJ
NKC
1
2
3
1
2
3
1
2
3
2
3
NKE
NKD26A/NKJ26A/NKC26A/NKE26A Series


Similar Part No. - NKJ26A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKJ200 NELLSEMI-NKJ200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKJ200 NELLSEMI-NKJ200 Datasheet
354Kb / 4P
   Standard Recovery Diodes, 200 A
NKJ240 NELLSEMI-NKJ240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKJ240 NELLSEMI-NKJ240 Datasheet
354Kb / 4P
   Standard Recovery Diodes, 240 A
NKJ250 NELLSEMI-NKJ250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
More results

Similar Description - NKJ26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com