Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKCF90 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NKCF90
Description  Fast Recovery Diodes, 90A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKCF90 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NKCF90 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.1 Current ratings characteristics
Average forward current (A)
Fig.3 Forward Power Loss characteristics
Fig.4 On-state power loss characteristics
Average
current (A)
forward
Average
current (A)
forward
Fig.5 Maximum non-repetitive surge
current
Fig.6 Maximum non-repetitive surge
current
Number of equal amplitude half
cycle current pulses (N)
Pulse train duration (S)
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
150
140
130
120
110
100
0
20
40
60
80
100
120
Conduction Angle
R
(DC) = 0.22°C/W
thJC
30°
60°
90° 120°
180°
30°
60°
90°
120°
180°
RMS Limit
160
140
120
100
80
60
40
20
0
Conduction Angle
0
20
40
60
80
100
120
Per leg, T = 150°C
j
200
180
160
140
120
100
80
60
40
20
0
160
140
120
100
80
60
40
20
0
Conduction Period
Per leg, T = 150°C
j
30°
60°
90°
120°
180°
RMS Limit
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T =
J
T max
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
2400
2100
1800
1500
1200
900
600
300
1
10
100
Per leg
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 150°C, @50Hz
J
No Voltage Reapplied
Rated V
Reapplied
RRM
2500
2250
2000
1750
1500
1250
1000
750
500
250
0.01
0.1
1
Per leg
Page 4 of 7
www.nellsemi.com
Fig.2 Current ratings characteristics
Average
current (A)
forward
Conduction Period
0
50
100
150
200
90
100
110
120
130
140
150
180°
120°
R
(DC) = 0.22°C/W
thJC
DC
90°
60°
30°
NKDF90/NKJF90/NKCF90/NKEF90 Series


Similar Part No. - NKCF90

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC11004A NELLSEMI-NKC11004A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11008A NELLSEMI-NKC11008A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11012A NELLSEMI-NKC11012A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11014A NELLSEMI-NKC11014A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11016A NELLSEMI-NKC11016A Datasheet
763Kb / 6P
   Standard Recovery Diodes
More results

Similar Description - NKCF90

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD90A NELLSEMI-NKD90A Datasheet
394Kb / 6P
   Standard Recovery Diodes, 90A
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com