Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1P1G66QDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. 1P1G66QDBVRQ1
Description  SINGLE BILATERAL ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1P1G66QDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 1P1G66QDBVRQ1 Datasheet HTML 6Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 7Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 8Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 9Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 10Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 11Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 12Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 13Page - Texas Instruments 1P1G66QDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN74LVC1G66Q1
SINGLE BILATERAL ANALOG SWITCH
SCES499D − OCTOBER 2003 − REVISED JANUARY 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIL
RL
CL
50
0.1
µF
(OFF)
VCC/2
RL/CL: 600 Ω/50 pF
RL/CL: 50 Ω/5 pF
fin
RL
VCC/2
Figure 7. Feed Through (Switch OFF)
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
10 k
CL
50 pF
600
10
µF
(ON)
VCC/2
VCC = 1.65 V, VI = 1.4 VP-P
VCC = 2.3 V, VI = 2 VP-P
VCC = 3 V, VI = 2.5 VP-P
VCC = 4.5 V, VI = 4 VP-P
fin
10
µF
Figure 8. Sine-Wave Distortion


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn