Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-6 Datasheet(PDF) 82 Page - Tyco Electronics

Part # 6-104068-6
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-6 Datasheet(HTML) 82 Page - Tyco Electronics

Back Button 6-104068-6 Datasheet HTML 78Page - Tyco Electronics 6-104068-6 Datasheet HTML 79Page - Tyco Electronics 6-104068-6 Datasheet HTML 80Page - Tyco Electronics 6-104068-6 Datasheet HTML 81Page - Tyco Electronics 6-104068-6 Datasheet HTML 82Page - Tyco Electronics 6-104068-6 Datasheet HTML 83Page - Tyco Electronics 6-104068-6 Datasheet HTML 84Page - Tyco Electronics 6-104068-6 Datasheet HTML 85Page - Tyco Electronics 6-104068-6 Datasheet HTML 86Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
IDC Low Profile Ejection Style Pin Headers, Center Polarized,
.100 x .100 [2.54 x 2.54] Centerlines
Material and Finish
Housing and Eject Latches —
PBT, UL 94V-0 rated, blue
Posts — Phosphor bronze, plated as
follows:
Plating — Duplex plated, .000030
[0.00076] min. gold on mating surfaces,
.000100 [0.00254] min. tin on solder
area, with entire post underplated
.000050 [0.00127] min. nickel
Related Product Data
Electrical Characteristics —
page 75
Mateable Connectors —
Novo Receptacles and Female
Socket Connectors, 609, 622 and
636 Series — pages 48-55
Vertical PCB Mount
.025 [0.64] Square Post
(Mating End)
Part Numbers
Dim. C
No. of
Dimensions
Pin Header
Pin Header with Short Latches
Pin Header with Long Latches
(Soldertail
Pos.
AB
without
(Mates with Receptacles
(Mates with Receptacles
Length)
Latches
without Strain Relief)
with Strain Relief)
10
1.250 [31.75]
.400 [10.16]
1761693-3
1761685-3
1761686-3
14
1.450 [36.83]
.600 [15.24]
——
1761686-5
16
1.550 [39.37]
.700 [17.78]
1761685-6
1761686-6
20
1.750 [44.45]
.900 [22.86]
1761685-7
1761686-7
24
1.950[49.53]
1.100 [27.94]
1761693-8
1761685-8
1761686-8
.102
26
2.050 [52.07]
1.200 [30.48]
1761685-9
1761686-9
2.59
30
2.250 [57.15]
1.400 [35.56]
1-1761685-0
34
2.450 [62.23]
1.600 [40.64]
1-1761693-1
1-1761685-1
1-1761686-1
40
2.750 [69.85]
1.900 [48.26]
1-1761685-3
1-1761686-3
50
3.250 [82.55]
2.400 [60.96]
1-1761685-5
1-1761686-5
60
3.750 [95.25]
2.900 [73.66]
1-1761693-6
1-1761685-6
10
1.250 [31.75]
.400 [10.16]
1761694-3
1761687-3
14
1.450 [36.83]
.600 [15.24]
——
16
1.550 [39.37]
.700 [17.78]
——
20
1.750 [44.45]
.900 [22.86]
1761687-7
1761688-7
.165
24
1.950[49.53]
1.100 [27.94]
——
1761688-8
4.19
26
2.050 [52.07]
1.200 [30.48]
1761694-9
1761687-9
1761688-9
34
2.450 [62.23]
1.600 [40.64]
1-1761687-1
1-1761688-1
40
2.750 [69.85]
1.900 [48.26]
1-1761687-3
50
3.250 [82.55]
2.400 [60.96]
——
1-1761688-5
Note: All part numbers are RoHS compliant.
B
A
U
U
.013
[0.33]
.025 ± .001
[0.63 ± 0.03]
.025 ± .001
[0.63 ± 0.03]
Ø .035 ± .003
[0.89 ± 0.08]
Position #1 Indicator
Eject Latches
Not Shown in
Top and Side
View for Clarity
.100
[2.54]
.100
[2.54]
.100
[2.54]
.350
[8.89]
.013
[0.33]
Recommended PC Board Layout
With Latches
Section U-U
Ø .031
[0.79]
Max.
.240 ± .010
[6.10 ± 0.25]
.826 ± .020
[20.98 ± 0.51]
.665 ± .020
[16.89 ± 0.51]
Short
Long
.576 ± .006
[14.62 ± 0.15]
.419 ± .006
[10.64 ± 0.15]
Short
Long
C
± .015
[± 0.38]
+ .010
– .004
+ 0.25
– 0.10
.252
[6.40
]
+ .005
– .010
+ 0.13
– 0.25
.350
[8.89
]
A
U
U
.025 ± .001
[0.63 ± 0.03]
Position #1 Indicator
.350
[8.89]
.013
[0.33]
Without Latches
Pin 1
Pin 2


Similar Part No. - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com