Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM1 Datasheet(PDF) 6 Page - Shanghai Lunsure Electronic Tech

Part No. ZMM1
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ZMM1 Datasheet(HTML) 6 Page - Shanghai Lunsure Electronic Tech

  ZMM1 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 7Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 8Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CE
ZMM1 THRU ZMM200
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
ZMM1…ZMM200 SILICON PLANER ZENER DIODES
Dynamic resistance versus
Thermal differential resistance
Zener current
versus Zener voltage
Dynamic resistance versus
Temperature dependence of
Zener voltage
Zener voltage versus voltage
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 6 of 8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1N746 0.5W Silicon Planar Zener Diodes 1  2  Micro Commercial Components
1N957 0.5W Silicon Planar Zener Diodes 1  2  Micro Commercial Components
1N5221THRU1N5281 0.5W SILICON PLANAR ZENER DIODES 1  2  3  4  Shanghai Lunsure Electronic Tech
1N746THRU1N759 0.5W SILICON PLANAR ZENER DIODES 1  2  Shanghai Lunsure Electronic Tech
GDZJ 0.5W SILICON PLANAR ZENER DIODES 1  2  3  4  Daesan Electronics Corp.
1N957THRU1N978 0.5W SILICON PLANAR ZENER DIODES 1  2  Shanghai Lunsure Electronic Tech
BZX97 0.5W SILICON PLANAR ZENER DIODES 1  2  Shanghai Lunsure Electronic Tech
ZPD27 0.5W SILICON PLANAR ZENER DIODES 1  2  3  Shanghai Lunsure Electronic Tech
BZX55 0.5W SILICON PLANAR ZENER DIODES 1  2  3  4  Shanghai Lunsure Electronic Tech
BZX55 SILICON PLANAR ZENER DIODES 1  2  3  GOOD-ARK Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn