Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH610A-2
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH610A-2 Datasheet HTML 1Page - Vishay Siliconix SFH610A-2 Datasheet HTML 2Page - Vishay Siliconix SFH610A-2 Datasheet HTML 3Page - Vishay Siliconix SFH610A-2 Datasheet HTML 4Page - Vishay Siliconix SFH610A-2 Datasheet HTML 5Page - Vishay Siliconix SFH610A-2 Datasheet HTML 6Page - Vishay Siliconix SFH610A-2 Datasheet HTML 7Page - Vishay Siliconix SFH610A-2 Datasheet HTML 8Page - Vishay Siliconix SFH610A-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Alternative Device Available
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 23-May-13
3
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Collector emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
f = 1 MHz
CC
0.4
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH610A-1
CTR
40
80
%
SFH6106-1
CTR
40
80
%
SFH610A-2
CTR
63
125
%
SFH6106-2
CTR
63
125
%
SFH610A-3
CTR
100
200
%
SFH6106-3
CTR
100
200
%
SFH610A-4
CTR
160
320
%
SFH6106-4
CTR
160
320
%
SFH610A-5
CTR
250
500
%
SFH6106-5T
CTR
250
500
%
IF = 1 mA, VCE = 5 V
SFH610A-1
CTR
13
30
%
SFH6106-1
CTR
13
30
%
SFH610A-2
CTR
22
45
%
SFH6106-2
CTR
22
45
%
SFH610A-3
CTR
34
70
%
SFH6106-3
CTR
34
70
%
SFH610A-4
CTR
56
90
%
SFH6106-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5 V, RL = 75 
IF
10
mA
Rise time
VCC = 5 V, RL = 75 
tr
2μs
Fall time
VCC = 5 V, RL = 75 
tf
2μs
Turn-on time
VCC = 5 V, RL = 75 
ton
3μs
Turn-off time
VCC = 5 V, RL = 75 
toff
2.3
μs
Cut-off frequency
VCC = 5 V
FCO
250
kHz
SATURATED
Current
SFH610A-1
IF
20
mA
SFH6106-1
SFH610A-2
IF
10
mA
SFH6106-2
SFH610A-3
IF
10
mA
SFH6106-3
SFH610A-4
IF
5mA
SFH6106-4
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn