Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SFH610A-2
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH610A-2 Datasheet HTML 1Page - Vishay Siliconix SFH610A-2 Datasheet HTML 2Page - Vishay Siliconix SFH610A-2 Datasheet HTML 3Page - Vishay Siliconix SFH610A-2 Datasheet HTML 4Page - Vishay Siliconix SFH610A-2 Datasheet HTML 5Page - Vishay Siliconix SFH610A-2 Datasheet HTML 6Page - Vishay Siliconix SFH610A-2 Datasheet HTML 7Page - Vishay Siliconix SFH610A-2 Datasheet HTML 8Page - Vishay Siliconix SFH610A-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Alternative Device Available
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 23-May-13
2
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
DC forward current
IF
60
mA
Surge forward current
t
 10 μs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCE
70
V
Emitter collector voltage
VEC
7V
Collector current
IC
50
mA
tp  1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
between emitter and detector
VISO
5300
VRMS
Creepage distance
7mm
Clearance distance
7mm
Insulation thickness between
emitter and detector
0.4
mm
Comparative tracking index per DIN
IEC112/VDE 0303 part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (1)
max. 10 s, dip soldering distance
to seating plane
 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
13
pF
Thermal resistance
Rthja
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5.2
pF
Thermal resistance
Rthja
500
K/W
Collector emitter leakage current
VCE = 10 V
SFH610A-1
ICEO
250
nA
SFH6106-1
ICEO
250
nA
SFH610A-2
ICEO
250
nA
SFH6106-2
ICEO
250
nA
SFH610A-3
ICEO
5
100
nA
SFH6106-3
ICEO
5
100
nA
SFH610A-4
ICEO
5
100
nA
SFH6106-4
ICEO
5
100
nA
SFH610A-5
ICEO
5
100
nA
SFH6106-5T
ICEO
5
100
nA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn