Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A-2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SFH610A-2
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-2 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH610A-2 Datasheet HTML 1Page - Vishay Siliconix SFH610A-2 Datasheet HTML 2Page - Vishay Siliconix SFH610A-2 Datasheet HTML 3Page - Vishay Siliconix SFH610A-2 Datasheet HTML 4Page - Vishay Siliconix SFH610A-2 Datasheet HTML 5Page - Vishay Siliconix SFH610A-2 Datasheet HTML 6Page - Vishay Siliconix SFH610A-2 Datasheet HTML 7Page - Vishay Siliconix SFH610A-2 Datasheet HTML 8Page - Vishay Siliconix SFH610A-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Alternative Device Available
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 23-May-13
6
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Diode Forward Voltage vs. Forward Current
Fig. 6 - Transistor Capacitance (typ.) vs. Collector Emitter Voltage
Fig. 7 - Permissible Pulse Handling Capability Forward Current vs.
Pulse Width
Fig. 8 - Permissible Power Dissipation vs. Temperature
Fig. 9 - Permissible Diode Forward Current vs.
Ambient Temperature
1.2
V
1.1
1.0
0.9
10-1
101
102
5 mA
55
100
VF
IF
isfh610a_05
VF = f (IF)
25 °C
50 °C
75 °C
0
5
10
15
20
pF
10-2
10-1
100
101
102
V
C
Ve
isfh610a_06
f = 1.0 MHz
CCE
mA
5
5
101
5
102
103
104
10-5
10-4
10-3
10-2
10-1
100
101
s
IF
tp
isfh610a_07
tp
I
F
T
T
D =
tp
D = 0
0.005
0.01
0.02
Pulse cycle
D = parameter
tp
I
F
0.05
0.1
0.2
0.5
DC
mA
0
30
60
90
120
0
50
100
75
25
°C
IF
TA
isfh610a_08
Ptot = f (TA)
mW
0
50
100
150
200
0
50
100
75
25
°C
Ptot
TA
isfh610a_09
Transistor
Diode


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn