Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH615AGR-X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH615AGR-X007
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AGR-X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH615AGR-X007 Datasheet HTML 1Page - Vishay Siliconix SFH615AGR-X007 Datasheet HTML 2Page - Vishay Siliconix SFH615AGR-X007 Datasheet HTML 3Page - Vishay Siliconix SFH615AGR-X007 Datasheet HTML 4Page - Vishay Siliconix SFH615AGR-X007 Datasheet HTML 5Page - Vishay Siliconix SFH615AGR-X007 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Alternative Device Available
SFH615AA, SFH615AGB, SFH615AGR, SFH615ABM, SFH615ABL, SFH615AY, SFH615AB
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 23-May-13
1
Document Number: 83672
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
DESCRIPTION
The SFH615XXX features a large assortment of current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
Creepage and clearance distances of > 8 mm are achieved
with
option
6.
This
version
complies
with
60950
(DIN VDE 0805) for reinforced insulation up to operation
voltage of 400 VRMS or DC.
FEATURES
• Low CTR degradation
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity (unconnected
base)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• BSI IEC 60950; IEC 60065
Note
• For additional information on the available options refer to option information.
i179060_1
1
2
4
3
E
C
A
C
i179060
ORDERING INFORMATION
PART
REMARKS
SFH615AA
CTR 50 % to 600 %, DIP-4
SFH615AB
CTR 80 % to 260 %, DIP-4
SFH615ABL
CTR 200 % to 600 %, DIP-4
SFH615ABM
CTR 200 % to 400 %, DIP-4
SFH615AGB
CTR 100 % to 600 %, DIP-4
SFH615AGR
CTR 100 % to 300 %, DIP-4
SFH615AY
CTR 50 % to 150 %, DIP-4
SFH615AA-X006
CTR 50 % to 600 %, DIP-4 400 mil (option 6)
SFH615AA-X007
CTR 50 % to 600 %, SMD-4 (option 7)
SFH615ABM-X006
CTR 200 % to 400 %, DIP-4 400 mil (option 6)
SFH615ABM-X007
CTR 200 % to 400 %, SMD-4 (option 7)
SFH615AGB-X006
CTR 100 % to 600 %, DIP-4 400 mil (option 6)
SFH615AGB-X009
CTR 100 % to 600 %, SMD-4 (option 9)
SFH615AGR-X006
CTR 100 % to 300 %, DIP-4 400 mil (option 6)
SFH615AGR-X007
CTR 100 % to 300 %, SMD-4 (option 7)
SFH615AY-X006
CTR 50 % to 150 %, DIP-4 400 mil (option 6)
SFH615AY-X008
CTR 50 % to 150 %,SMD-4 (option 8)
SFH615AY-X009
CTR 50 % to 150 %,SMD-4 (option 9)


Similar Part No. - SFH615AGR-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AGR-X007 VISHAY-SFH615AGR-X007 Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH615AGR-X007 VISHAY-SFH615AGR-X007 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615AGR-X007T VISHAY-SFH615AGR-X007T Datasheet
121Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
More results

Similar Description - SFH615AGR-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com