Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA345NA250 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA345NA250
Description  LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA345NA250 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA345NA250 Datasheet HTML 1Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 2Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 3Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 4Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 5Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 6Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 7Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 8Page - National Semiconductor (TI) OPA345NA250 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
SBOS107A
OPA344, 2344, 4344
OPA345, 2345, 4345
5
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
100
80
60
40
20
10
+PSRR
CMRR
–PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10k
100k
Frequency (Hz)
1M
10M
6
5
4
3
2
1
0
OPA344
V
S = +5.5V
V
S = +5V
V
S = +2.7V
OPA345
CHANNEL SEPARATION vs FREQUENCY
100
Frequency (Hz)
1k
10k
100k
1M
140
120
100
80
60
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
10000
1000
100
10
100
10
1
0.1
V
N
I
N
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
0
30
60
90
120
150
180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
Gain
Phase
OPA345
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
0
30
60
90
120
150
180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
Gain
Phase
OPA344


Similar Part No. - OPA345NA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA345NA250 TI-OPA345NA250 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA345NA250G4 TI-OPA345NA250G4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA345NA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com