Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4244EA2K5E4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4244EA2K5E4
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4244EA2K5E4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA4244EA2K5E4 Datasheet HTML 6Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 7Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 8Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 9Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 10Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 11Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 12Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 13Page - National Semiconductor (TI) OPA4244EA2K5E4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
V
OS Drift (µV/°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.0
5.5
70
60
50
40
30
20
10
0
OPA4244
V
OS Drift (µV/°C)
0123456789
10
35
30
25
20
15
10
5
0
OPA2244
OPA244
OFFSET VOLTAGE PRODUCTION DISTRIBUTION


Similar Part No. - OPA4244EA2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4244EA BURR-BROWN-OPA4244EA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4244EA/250 BURR-BROWN-OPA4244EA/250 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4244EA/250 TI1-OPA4244EA/250 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA4244EA/250E4 TI1-OPA4244EA/250E4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4244EA/2K5 BURR-BROWN-OPA4244EA/2K5 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA4244EA2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com