Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4237UA2K5 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4237UA2K5
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4237UA2K5 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA4237UA2K5 Datasheet HTML 3Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 4Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 5Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 6Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 7Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 8Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 9Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 10Page - National Semiconductor (TI) OPA4237UA2K5 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
7
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
12.5
10
7.5
5
2.5
0
0.2%
0.4%
0.7%
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
V
S = +2.7V, +5V
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
9
8
7
6
5
4
3
2
1
0
V
S = ±15V
0.1%
0.1%
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
30
25
20
15
10
5
0
0.2%
0.2%
V
S =+2.7V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
16
14
12
10
8
6
4
2
0
V
S =+5V
0.4%
0.6%
0.2%
0.2%
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
12
10
8
6
4
2
0
V
S = ± 15V
0.4%
0.4%
0.2%
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
V
S = +2.7V, +5V, ±15V
V
S = +2.7V, +5V
V
S = ± 15V
V
S = ± 15V
CMR
AOL
PSR
A
OL, CMR, PSR vs TEMPERATURE
Temperature (
_C)
120
110
100
90
80
70
60
−75
−50
−25
0
25
50
75
100
125
V
S = +2.7V, +5V


Similar Part No. - OPA4237UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4237UA2K5 BURR-BROWN-OPA4237UA2K5 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com