Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2320SAIDGST Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2320SAIDGST
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2320SAIDGST Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA2320SAIDGST Datasheet HTML 1Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 2Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 3Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 4Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 5Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 6Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 7Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 8Page - National Semiconductor (TI) OPA2320SAIDGST Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V or ±0.9V to ±2.75V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and SHDN x = VS+, unless otherwise noted.
OPA320, OPA320S, OPA2320, OPA2320S
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
RL = 10kΩ
10
20
mV
Voltage output swing from
VO
both rails
RL = 2kΩ
25
35
mV
RL = 10kΩ
30
mV
Over temperature
RL = 2kΩ
45
mV
Short-circuit current
ISC
VS = 5.5V
±65
mA
Capacitive load drive
CL
See Typical Characteristics
Open-loop output resistance
RO
IO = 0mA, f = 1MHz
90
Ω
SHUTDOWN(3)
All amplifiers disabled, SHDN = V–
0.1
0.5
μA
Quiescent current per amplifier
IQSD OPA2320S only, SHDN A = VS–, SHDN B = VS+
1.6
mA
OPA2320S only, SHDN A = VS+, SHDN B = VS–
1.6
mA
High-level input voltage
VIH
Amplifier enabled, VS– + 0.7 [(VS+) + |VS–|]
0.7 × VS+
5.5
V
Low-level input voltage
VIL
Amplifier disabled, VS– + 0.3 [(VS+) + |VS–|]
0.3 × VS+
V
G = 1, VOUT = 0.1 × VS/2, full shutdown
(5)
20
μs
Amplifier enable time(4)
tON
OPA2320S only, partial shutdown(5)
6
Amplifier disable time(4)
tOFF
G = 1, VOUT = 0.1 × VS/2
3
μs
VIH = 5V
0.13
μA
SHDN pin input bias current (per pin)
VIL = 0V
0.04
μA
POWER SUPPLY
Specified voltage range
VS
1.8
5.5
V
Quiescent current per amplifier
IQ
OPA320, OPA320S
IO = 0mA, VS = +5.5V
1.5
1.75
mA
Over temperature
IO = 0mA, VS = +5.5V
1.85
mA
OPA2320, OPA2320S
IO = 0mA, VS = +5.5V
1.45
1.6
mA
Over temperature
IO = 0mA, VS = +5.5V
1.7
mA
Power-on time
V+ = 0V to 5V, to 90% IQ level
28
μs
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–40
+150
°C
(3)
Specified by design and characterization; not production tested.
(4)
Disable time (tOFF) and enable time (tON) are defined as the time between the 50% point of the signal applied to the SHDN pin and the
point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(5)
Full shutdown refers to the dual OPA2320S having both A and B channels disabled (SHDN A = SHDN B = VS–). For partial shutdown,
only one SHDN pin is exercised; in this mode, the internal biasing and oscillator remain operational and the enable time is shorter.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S


Similar Part No. - OPA2320SAIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA2320-Q1 TI-OPA2320-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2320-Q1 TI1-OPA2320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2320AID TI1-OPA2320AID Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA2320SAIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA328 TI-OPA328 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com