Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV751M5XNOPB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV751M5XNOPB
Description  LMV751 Low Noise, Low Vos, Single Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751M5XNOPB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV751M5XNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV751M5XNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
5.0V Electrical Characteristics (continued)
V
+ = 5.0V, V= 0V, V
CM = 2.5V, TA = 25°C unless otherwise stated.Boldface limits apply over the Temperature Range.
Typ
Limit
Symbol
Parameter
Units
(1)
(2)
IO
Output Current
Sourcing, VO = 0V
15
8.0
VIN (diff) = ±0.5V
2.5
mA
min
Sinking, VO = 5V
20
8.0
VIN (diff) = ±0.5V
2.5
en (10Hz)
Input Referred Voltage Noise
15
nV/
√Hz
en (1kHz)
Input Referred Voltage Noise
6.5
nV/
√Hz
en (30kHz)
Input Referred Voltage Noise
6.5
10
nV/
√Hz
max
IN (1kHz)
Input Referred Current Noise
0.01
pA/
√Hz
GBW
Gain-Bandwidth Product
5
2
MHz
min
SR
Slew Rate
2.3
V/µs
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751


Similar Part No. - LMV751M5XNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV751M5X NSC-LMV751M5X Datasheet
259Kb / 8P
   Low Noise, Low Vos, Single Op Amp
logo
Texas Instruments
LMV751M5X TI1-LMV751M5X Datasheet
907Kb / 18P
[Old version datasheet]   LMV751 Low Noise, Low Vos, Single Op Amp
LMV751M5X/NOPB TI1-LMV751M5X/NOPB Datasheet
907Kb / 18P
[Old version datasheet]   LMV751 Low Noise, Low Vos, Single Op Amp
More results

Similar Description - LMV751M5XNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV751 TI1-LMV751 Datasheet
907Kb / 18P
[Old version datasheet]   LMV751 Low Noise, Low Vos, Single Op Amp
logo
National Semiconductor ...
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
   Low Noise, Low Vos, Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
   Low Noise Single OP AMP
logo
NXP Semiconductors
NE5533 PHILIPS-NE5533 Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
Linear Technology
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
   Low Noise 200C Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
logo
AUK corp
S4558P AUK-S4558P Datasheet
240Kb / 3P
   Low Noise Dual OP AMP
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
   Low Noise 200째C Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com