Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV344MAXNOPB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV344MAXNOPB
Description  Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV344MAXNOPB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV344MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV344MAXNOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 600:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 2k:
125°C
25°C
-40°C
125°C
-40°C
25°C
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 2.7V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
0.00
1
0.0
1
0.1
1
10
VO (VPP)
0.01
0.1
1
10
f = 10KHz
RL = 600:
VS = 2.7V, AV = +10
VS = 5V, AV = +10
VS = 5V, AV =
+1
VS = 2.7V, AV = +1
1
10
100
1k
100k
FREQUENCY (Hz)
0.001
0.01
1
10
10k
0.1
AV = +10
AV = +1
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 1VPP
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
THD+N vs. Frequency
THD+N vs. VOUT
Figure 22.
Figure 23.
Open Loop Frequency Over Temperature
Open Loop Frequency Response
Figure 24.
Figure 25.
Open Loop Frequency Response
Gain and Phase vs. CL
Figure 26.
Figure 27.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV341-N LMV342-N LMV344-N


Similar Part No. - LMV344MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV344MAX NSC-LMV344MAX Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV344MAX TI1-LMV344MAX Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV344MAX TI1-LMV344MAX Datasheet
1Mb / 30P
[Old version datasheet]   Shutdown/Dual/Quad General Purpose
LMV344MAX/NOPB TI1-LMV344MAX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
More results

Similar Description - LMV344MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LMV321-N NSC-LMV321-N Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com