Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV611MGXNOPB Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV611MGXNOPB
Description  Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV611MGXNOPB Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV611MGXNOPB Datasheet HTML 15Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 16Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 17Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 18Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 19Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 20Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 21Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 22Page - National Semiconductor (TI) LMV611MGXNOPB Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV611MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV611MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV611MG/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV611MGX/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV612MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV612MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV612MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV614MAX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMV614MTX/NOPB
TSSOP
PW
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1


Similar Part No. - LMV611MGXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV611MGX TI1-LMV611MGX Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611MGX/NOPB TI1-LMV611MGX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
More results

Similar Description - LMV611MGXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com