Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV321 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV321_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 9Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 10Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 11Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 12Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 13Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
SINKING CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to GND − V
LMV3xx
VCC = 2.7 V
LMV324S
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
SINKING CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to GND − V
VCC = 5 V
LMV324S
LMV324
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
SOURCE CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to VCC+ − V
LMV324S
LMV3xx
VCC = 2.7 V
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
SOURCE CURRENT
vs
OUTPUT VOLTAGE
Output Voltage Referenced to VCC+ − V
LMV324S
LMV3xx
VCC = 5 V
LMV321, LMV358
LMV324, LMV324S
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
www.ti.com
Typical Characteristics (continued)
Figure 13.
Figure 14.
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated


Similar Part No. - LMV321_14

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMV321Q1M5 TI1-LMV321Q1M5 Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
LMV321Q1M5/NOPB TI1-LMV321Q1M5/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321Q1M5/NOPB TI1-LMV321Q1M5/NOPB Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
National Semiconductor (TI)
National Semiconductor ...
LMV321Q1M5NOPB NSC-LMV321Q1M5NOPB Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
Texas Instruments
Texas Instruments
LMV321Q1M5X TI1-LMV321Q1M5X Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV321_14

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A_1809 TI1-LMV321A_1809 Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com