Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842A Datasheet(PDF) 6 Page - Motorola, Inc

Part No. UC3842A
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3842A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button UC3842A Datasheet HTML 2Page - Motorola, Inc UC3842A Datasheet HTML 3Page - Motorola, Inc UC3842A Datasheet HTML 4Page - Motorola, Inc UC3842A Datasheet HTML 5Page - Motorola, Inc UC3842A Datasheet HTML 6Page - Motorola, Inc UC3842A Datasheet HTML 7Page - Motorola, Inc UC3842A Datasheet HTML 8Page - Motorola, Inc UC3842A Datasheet HTML 9Page - Motorola, Inc UC3842A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
UC3842A, 43A UC2842A, 43A
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. Output Saturation Voltage
versus Load Current
Figure 14. Output Waveform
Figure 15. Output Cross Conduction
Figure 16. Supply Current versus
Supply Voltatage
50 ns/DIV
VCC = 15 V
CL = 1.0 nF
TA = 25°C
100 ns/DIV
VCC = 30 V
CL = 15 pF
TA = 25°C
800
600
400
200
0
IO, OUTPUT LOAD CURRENT (mA)
VCC
TA = 25°C
TA = –55°C
Gnd
TA = 25°C
Source Saturation
(Load to Ground)
TA = –55°C
VCC = 15 V
80
µs Pulsed Load
120 Hz Rate
0
10203040
VCC , SUPPLY VOLTAGE
RT = 10 k
CT = 3.3 nF
VFB = 0 V
ISense = 0 V
TA = 25°C
90%
10%
0
1.0
2.0
3.0
–2.0
–1.0
0
25
20
15
10
5
0
Sink Saturation
(Load to VCC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn