Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6132BIN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6132BIN
Description  LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6132BIN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6132BIN Datasheet HTML 1Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 2Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 3Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 4Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 5Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 6Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 7Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 8Page - National Semiconductor (TI) LM6132BIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM6132
SNOS751D – APRIL 2000 – REVISED FEBRUARY 2013
www.ti.com
5.0V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes
LM6134AI
LM6134BI
Typ
LM6132AI
LM6132BI
Symbol
Parameter
Conditions
Units
(1)
Limit
Limit
(2)
(2)
SR
Slew Rate
±4V @ VS = ±6V
8
8
V/
μs
14
RS < 1 kΩ
7
7
min
GBW
Gain-Bandwidth Product
f = 20 kHz
7.4
7.4
MHz
10
7
7
min
θm
Phase Margin
RL = 10k
33
deg
Gm
Gain Margin
RL = 10k
10
dB
en
Input Referred Voltage Noise
f = 1 kHz
27
nV/
√Hz
in
Input Referred Current Noise
f = 1 kHz
0.18
pA/
√Hz
(1)
Typical Values represent the most likely parametric normal.
(2)
All limits are guaranteed by testing or statistical analysis.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extreme
LM6134AI
LM6134BI
Typ
LM6132AI
LM6132BI
Symbol
Parameter
Conditions
Units
(1)
Limit
Limit
(2)
(2)
VOS
Input Offset Voltage
0.12
2
6
mV
8
12
max
IB
Input Bias Current
0V
≤ VCM ≤ 2.7V
90
nA
IOS
Input Offset Current
2.8
nA
RIN
Input Resistance
134
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 2.7V
82
dB
PSRR
Power Supply Rejection Ratio
±1.35V
≤ V+ ≤ ±12V
80
dB
VCM
Input Common-Mode Voltage Range
2.7
2.7
V
0
0
AV
Large Signal Voltage Gain
RL = 10k
100
V/mV
VO
Output Swing
RL = 100k
0.08
0.08
V
0.03
0.112
0.112
max
2.65
2.65
V
2.66
2.25
2.25
min
IS
Supply Current
Per Amplifier
330
μA
(1)
Typical Values represent the most likely parametric normal.
(2)
All limits are guaranteed by testing or statistical analysis.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
LM6134AI
LM6134BI
Typ
LM6132AI
LM6132BI
Symbol
Parameter
Conditions
Units
(1)
Limit
Limit
(2)
(2)
GBW
Gain-Bandwidth Product
RL = 10k, f = 20 kHz
7
MHz
θm
Phase Margin
RL = 10k
23
deg
Gm
Gain Margin
12
dB
(1)
Typical Values represent the most likely parametric normal.
(2)
All limits are guaranteed by testing or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM6132


Similar Part No. - LM6132BIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132BIN NSC-LM6132BIN Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132BIN/NOPB TI1-LM6132BIN/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM6132BIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
[Old version datasheet]   LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com