Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA78M20 Datasheet(PDF) 1 Page - Rohm

Part # BA78M20
Description  500mA Output 78 series Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA78M20 Datasheet(HTML) 1 Page - Rohm

  BA78M20 Datasheet HTML 1Page - Rohm BA78M20 Datasheet HTML 2Page - Rohm BA78M20 Datasheet HTML 3Page - Rohm BA78M20 Datasheet HTML 4Page - Rohm BA78M20 Datasheet HTML 5Page - Rohm BA78M20 Datasheet HTML 6Page - Rohm BA78M20 Datasheet HTML 7Page - Rohm BA78M20 Datasheet HTML 8Page - Rohm BA78M20 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
78 Series Regulators
1A Output 78 series Regulators
500mA Output 78 series Regulators
BA78□□Series,BA78M□□Series
●Description
BA78□□, BA78M□□ series are three-terminal regulators available with several fixed output voltages. It supplies the
stable fixes voltage from unstable direct input voltage. The useful output voltage lineup is 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V,
18V, 20V, 24V with 0.5A / 1A current ability. They have nearly same electric characteristics as competitor products and cover
a wide range of application.
●Features
1) Built-in over-current protection circuit and thermal shutdown circuit
2) High ripple rejection
3) Available TO220CP-3, TO252-3 package to a wide range application
4) Compatible replacement to competitor products
5) Various voltage lineup (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V)
●Applications
Fixed voltage power supply for TV, Audio components, etc
●Line up
■1A BA78□□Series
Part Number
5V
6V
7V
8V
9V
10V
12V
15V
18V
20V
24V
Package
BA78□□CP
TO220CP-3
BA78□□FP
TO252-3
■0.5A BA78M□□Series
Part Number
5V
6V
7V
8V
9V
10V
12V
15V
18V
20V
24V
Package
BA78M□□CP
TO220CP-3
BA78M□□FP
TO252-3
●Output Voltage and Marking
Part Number:BA78□□□□
(1A)
Part Number:BA78M□□□□
(0.5A)
Symbol
assignment of output voltage
Symbol
assignment of output voltage
a
□□
Output voltage(V) □□ Output voltage(V)
a
□□ Output voltage(V) □□ Output voltage(V)
05
5.0V typ.
12
12V typ.
05
5.0V typ.
12
12V typ.
06
6.0V typ.
15
15V typ.
06
6.0V typ.
15
15V typ.
07
7.0V typ.
18
18V typ.
07
7.0V typ.
18
18V typ.
08
8.0V typ.
20
20V typ.
08
8.0V typ.
20
20V typ.
09
9.0V typ.
24
24V typ.
09
9.0V typ.
24
24V typ.
10
10.0V typ.
10
10.0V typ.
b
Package
b
Package
CP:TO220CP-3
CP:TO220CP-3
FP:TO252-3
FP:TO252-3
No.12019ECT01
b
a
b
a


Similar Part No. - BA78M20

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78M20 ROHM-BA78M20 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M20 ROHM-BA78M20 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M20 ROHM-BA78M20 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M20 ROHM-BA78M20 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M20CP ROHM-BA78M20CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA78M20

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com