Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1630S04 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA1630S04
Description  CMOS Single Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S04 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA1630S04 Datasheet HTML 6Page - Renesas Technology Corp HA1630S04 Datasheet HTML 7Page - Renesas Technology Corp HA1630S04 Datasheet HTML 8Page - Renesas Technology Corp HA1630S04 Datasheet HTML 9Page - Renesas Technology Corp HA1630S04 Datasheet HTML 10Page - Renesas Technology Corp HA1630S04 Datasheet HTML 11Page - Renesas Technology Corp HA1630S04 Datasheet HTML 12Page - Renesas Technology Corp HA1630S04 Datasheet HTML 13Page - Renesas Technology Corp HA1630S04 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 10 of 24
Jan 10, 2014
Main Characteristics (HA1630S05)
Figure 2-1. HA1630S05
Supply Current vs. Supply Voltage
0
200
400
600
800
123456
Supply Voltage VDD (V)
Figure 2-3. HA1630S05
Output High Voltage vs. Output Source Current
0
1
2
3
4
5
6
0
100
200
300
400
500
Output Source Current IOSOURCE (μA)
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
Ta = 25
°C
Ta = 25
°C
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
Figure 2-5. HA1630S05
Output Source Current vs. Ambient Temperature
0
200
400
600
800
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
Figure 2-2. HA1630S05
Supply Current vs. Ambient Temperature
0
200
400
600
800
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
RL = 20 kΩ
RL = 100 kΩ
Ta = 25
°C
VDD = 3.0 V
Figure 2-4. HA1630S05
Output High Voltage vs. Supply Voltage
1
2
3
4
5
6
123456
Supply Voltage VDD (V)


Similar Part No. - HA1630S04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S04 RENESAS-HA1630S04 Datasheet
476Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S040506 RENESAS-HA1630S040506_15 Datasheet
525Kb / 25P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S04CM RENESAS-HA1630S04CM Datasheet
476Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S04LP RENESAS-HA1630S04LP Datasheet
476Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
More results

Similar Description - HA1630S04

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
   CMOS Operational Amplifier (Single)
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Texas Instruments
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
logo
Renesas Technology Corp
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
   Single CMOS High Drive Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com