Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS-UGS Datasheet(PDF) 3 Page - TDK Electronics

Part # CHS-UGS
Description  Humidity Sensor Units
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CHS-UGS Datasheet(HTML) 3 Page - TDK Electronics

  CHS-UGS Datasheet HTML 1Page - TDK Electronics CHS-UGS Datasheet HTML 2Page - TDK Electronics CHS-UGS Datasheet HTML 3Page - TDK Electronics CHS-UGS Datasheet HTML 4Page - TDK Electronics CHS-UGS Datasheet HTML 5Page - TDK Electronics CHS-UGS Datasheet HTML 6Page - TDK Electronics CHS-UGS Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(2/6)
002-01 / 20100120 / eb111_chs.fm
• All specifications are subject to change without notice.
CHS-U TYPE
ELECTRICAL CHARACTERISTICS
( ): Reference value
TYPICAL CHARACTERISTICS
SENSOR LINEARITY CHARACTERISTICS (Ta=25°C Edc=5V)
TEMPERATURE DEPENDENCY CHARACTERISTICS
Item
Specifications
Conditions
Minimum
Standard
Maximum
Operating voltage Edc (V)
4.75
5
5.25
Operating current(mA)
0.6
Edc=5V, 25°C
Output voltage(mV)/(%)RH
10
Edc=5V, 25°C, 5 to 95(%)RH
Output impedance(k
Ω )
(200)
at DC
Accuracy(%)RH
CHS-UPS, -UPR
–3
+3
Edc=5V, 25°C, 5 to 95(%)RH
(For details, please refer to typical characteristics)
CHS-UGS, -UGR
–5
+5
Hysteresis(%)RH
0
Stable time: 20min
Temperature dependency(%)RH
–5
+5
Edc=5V, 25°C standard, +5 to +45°C, 5 to 95(%)RH
Response time(min)
1
Response time to reach 90% of actual humidity as for from 30 to
85(%)RH
Recommended operating temperature(°C)
+5
+45
Edc=5V
Center line
Allowance
Typical value
Tolerance of each humidity
UP TYPE
±3(%)RH
UG TYPE
±5(%)RH
1
0.8
0.6
0.4
0.2
0
0
20406080
100
Relative humidity(%)RH
(+3(%)RH)+5(%)RH
–5(%)RH(–3(%)RH)
Typical value
Specification temperature zone
+5 to +45˚C(5 to 95(%)RH)
Tolerance of each humidity
±5(%)RH
1
0.8
0.6
0.4
0.2
0
0
1020304050
Temperature(˚C)
20(%)RH
30(%)RH
40(%)RH
50(%)RH
60(%)RH
70(%)RH
80(%)RH
90(%)RH
95(%)RH
10(%)RH
5(%)RH


Similar Part No. - CHS-UGS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CHS-UGS TDK-CHS-UGS Datasheet
175Kb / 11P
   Humidity Sensor
More results

Similar Description - CHS-UGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYH-1 ETC-SYH-1 Datasheet
244Kb / 2P
   Humidity Sensor Units SYH-1, SYH-1s
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
   Humidity Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
   Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
   Humidity Sensor
Revision: 24-Jun-09
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
   Humidity Sensor
Revision: 10-Oct-03
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
   Humidity Sensor
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
   Humidity Sensor
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
   HUMIDITY SENSOR
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
   Humidity sensor
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
   RELATIVE HUMIDITY SENSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com