Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFR100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFR100
Description  Normal & Miniature Style CFR Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFR100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFR100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Through-hole resisTors
DiMeNsioNs
Unit: mm
sTYle
DiMeNsioN
Normal
Miniature
l
øD
h
ød
CFR-12
CFR25S
3.4±0.3
1.9±0.2
28±2.0
0.45±0.05
CFR-25
CFR50S
6.3±0.5
2.4±0.2
28±2.0
0.55±0.05
CFR-50
CFR1WS
9.0±0.5
3.3±0.3
26±2.0
0.55±0.05
CFR100
CFR2WS
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
CFR200
CFR3WS
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05
FeATures
Power Rating
1/6W, 1/4W, 1/2W, 1W, 2W, 3W
Resistance Tolerance
±2%, ±5%
T.C.R.
see Table 1
DerATiNg CurVe
For resistors operated in ambient temperatures above 70°C, power rating must be derated
in accordance with the curve below.
TABle 1 TeMPerATure CoeFFiCieNT
sTYle
TeMP. CoeFFiCieNT (ppm/°C)
under 100KΩ
100K Ω - 1MΩ
1MΩ - 10MΩ
CFR100, CFR200, CFR2WS, CFR3WS -350~350
-500~0
-1,500~0
CFR-12, CFR-25, CFR-50,
CFR25S, CFR50S, CFR1WS
-350~500
-700~0
-1,500~0
ød
H
L
øD
iNTroDuCTioN
The CFR Series Carbon Film Resistors are
manufactured by coating a homogeneous
film of pure carbon on high grade ceramic
rods. After a helical groove has been cut in
the resistive layer, tinned connecting leads of
electrolytic copper are welded to the end-caps.
The resistors are coated with layers of tan
color lacquer.
General Type
Normal & Miniature Style [ CFR Series ]
Carbon Film Resistors
Rated Load (%)
Ambient Temperature (°C)
160
140
120
100
80
60
40
100
80
60
40
20
20
70
155 °C


Similar Part No. - CFR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR100 ETC1-CFR100 Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
logo
Tyco Electronics
CFR100 MACOM-CFR100 Datasheet
143Kb / 4P
   Carbon Film Fixed Resistors
CFR100G100K MACOM-CFR100G100K Datasheet
143Kb / 4P
   Carbon Film Fixed Resistors
CFR100G1K0 MACOM-CFR100G1K0 Datasheet
143Kb / 4P
   Carbon Film Fixed Resistors
CFR100G1M0 MACOM-CFR100G1M0 Datasheet
143Kb / 4P
   Carbon Film Fixed Resistors
More results

Similar Description - CFR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
RMF TAITRON-RMF Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
logo
YAGEO Corporation
FKN2WSJT73-0R5 YAGEO-FKN2WSJT73-0R5 Datasheet
296Kb / 2P
   Flame-Proof Type Normal & Miniature Style [ FKN Series ]
FKN300FR-73-15R YAGEO-FKN300FR-73-15R Datasheet
247Kb / 2P
   Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
MFR-12 YAGEO-MFR-12 Datasheet
126Kb / 2P
   General Type Normal Miniatyre Style MFR Series
logo
UNIOHM CORPORATION
CR-25S UNIOHM-CR-25S Datasheet
1,022Kb / 1P
   Miniature Style Resistors
logo
Visual Communications C...
A96 VCC-A96 Datasheet
262Kb / 1P
   Miniature Cap Fuse Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com