Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-175-QC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CA-175-QC
Description  1/2 Disc Thermostats - Automatic Reset
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CA-175-QC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CA-175-QC Datasheet HTML 1Page - List of Unclassifed Manufacturers CA-175-QC Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-175-QC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/2” Disc Thermostats - Automatic Reset
CA/OA (602S) Series, Gold Contacts (602K)
www.selcoproducts.com
6
(714) 917-1333
(800) 257-3526
FAX (714) 917-1355
E-mail: sales@selcoproducts.com
It is the customer ’s sole responsibility to specify and determine the suitability of a particular
control or component based on their unique individual applications and requirements
Models available from stock - subject to availability
CA - Close On-Rise (normally open)
OA - Open On-Rise (normally closed)
Close/Open
On-Rise
Model
Number
Open ºF
Close ºF
Mounting
Terminals
Orientation from
Mounting Holes
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Close
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
Open
CA-170-QC
CA-170-WOB
CA-175-QC
CA-180
CA-180-QCV
CA-185-ST
CA-190
CA-190-QC
CA-200
CA-205
CA-205-ST
CA-210-QC
CA-225
CA-230-QC
CA-230-STG
CA-240
CA-270
CA-270-QCV
CA-300
OA-50
OA-60
OA-60-PCB
OA-60-QCR
OA-60-QCV
OA-60-WOB
OA-70
OA-80
OA-80-PCB
OA-80-QCV
OA-85
OA-95-QC
OA-100
OA-100-QC
OA-110
OA-110-QC
OA-120
OA-120-15-45
OA-120-QC
OA-120-QCH
OA-130
OA-130-ST
OA-140
OA-140-QCV
OA-150
OA-150-PCB
OA-150-QCC
OA-158-ST
OA-160
OA-160-QC20
OA-160-QCH
OA-160-QCV20
OA-165-145
OA-170
OA-170-PCB
OA-170-WOB
OA-175
OA-175-QC
OA-175-QCH
OA-175-S2
OA-180
140 ± 10
140 ± 10
145 ± 10
150 ± 10
150 ± 10
145 ± 10
169 ± 10
172 ± 10
170 ± 10
175 ± 10
175 ± 10
180 ± 10
195 ± 10
203 ± 7
185 ± 10
210 ± 10
240 ± 10
240 ± 7
270 ± 10
50 ± 5
60 ± 5
60 ± 5
60 ± 5
60 ± 5
60 ± 5
70 ± 5
80 ± 5
80 ± 5
80 ± 5
85 ± 5
95 ± 5
100 ± 5
100 ± 5
110 ± 5
110 ± 5
120 ± 5
120 ± 5
120 ± 5
120 ± 5
130 ± 5
130 ± 5
140 ± 5
140 ± 5
150 ± 5
150 ± 5
150 ± 5
158 ± 5
160 ± 5
160 ± 5
160 ± 5
160 ± 5
165 ± 5
170 ± 5
170 ± 5
170 ± 5
175 ± 5
175 ± 5
175 ± 5
175 ± 6
180 ± 5
170 ± 7
170 ± 7
175 ± 7
180 ± 7
180 ± 7
185 ± 7
190 ± 7
190 ± 7
200 ± 7
205 ± 7
205 ± 7
210 ± 7
225 ± 7
230 ± 10
230 ± 7
240 ± 7
270 ± 7
270 ± 10
300 ± 7
32 ± 10
40 ± 7
40 ± 7
40 ± 10
40 ± 10
40 ± 9
50 ± 10
50 ± 9
50 ± 10
50 ± 9
67 ± 9
77 ± 9
70 ± 10
85 ± 10
80 ± 10
80 ± 10
90 ± 10
105 ± 10
90 ± 10
90 ± 10
100 ± 10
100 ± 10
110 ± 10
110 ± 10
120 ± 10
120 ± 10
120 ± 10
118 ± 10
130 ± 10
140 ± 10
130 ± 10
140 ± 10
145 ± 9
140 ± 10
140 ± 10
140 ± 10
157 ± 10
145 ± 10
157 ± 10
145 ± 10
150 ± 10
surface
no bracket
surface
surface
rotating
6-32 stud
surface
surface
surface
surface
6-32 stud
surface
surface
rotating bracket
6-32 stud
surface
surface
surface
surface
surface
surface
air
rotating
surface
no bracket
surface
surface
air
surface
surface
surface
surface
surface
surface
rotating bracket
surface
surface
surface
surface
surface
10-32 stud
surface
surface
surface
air
surface
6-32 stud
surface
surface
surface
surface
surface
surface
air
no bracket
surface
surface
surface
10-32 stud
surface
.250 quick connects, vertical
solder tabs
.250 quick connects, horizontal
solder tabs
.250 quick connects, vertical
.250 quick connects
solder tabs
.250 quick connects, vertical
solder tabs
solder tabs
.250 quick connects @ 30º
.187 quick connects, vertical
solder tabs
.187 quick connects, horizontal
.187 quick connects, vertical
solder tabs
solder tabs
.187 quick connects, vertical
solder tabs
solder tabs
solder tabs
printed circuit board
.250 quick connects, vertical
.250 quick connects, vertical
solder tabs
solder tabs
solder tabs
printed circuit board
.250 quick connects, vertical
solder tabs
.250 quick connects, horizontal
solder tabs
.250 quick connects, horizontal
solder tabs
.250 quick connects, horizontal
solder tabs
solder tabs
.250 quick connects, vertical
.250 quick connects, horizontal
solder tabs
.250 quick connects, horizontal
solder tabs
.250 quick connects, vertical
solder tabs
printed circuit board
.250 quick connects, vertical
.250 quick connects
solder tabs
.250 quick connects, horizontal
.187 quick connects, horizontal
.250 quick connects, vertical
.250 quick connects, vertical
solder tabs
printed circuit board
.187 quick connects, horizontal
solder tabs
.250 quick connects, vertical
.250 quick connects, horizontal
.250 quick connects, horizontal
solder tabs
90º
90º
45º
45º
90º
45º
45º
90º
45º
45º
45º
45º
45º
45º
45º
90º
45º
45º
90º
45º
90º
45º
90º
45º
45º
45º
90º
45º
45º
45º
90º
45º
90º
45º
90º
45º
90º
90º
45º
45º
45º
45º
45º


Similar Part No. - CA-175-QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-170 ETC1-CA-170 Datasheet
632Kb / 18P
   Aluminium enclosures CA series
More results

Similar Description - CA-175-QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3L11-60 ETC2-3L11-60 Datasheet
273Kb / 2P
   3L11/3F11 SERIES 1/2 BIMETAL DISC THERMOSTATS
logo
Texas Instruments
20413 TI-20413 Datasheet
186Kb / 6P
[Old version datasheet]   Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Vishay Siliconix
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com