Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SECU1407C-TG Datasheet(PDF) 6 Page - Sanken electric

Part # SECU1407C-TG
Description  1.6*0.8*0.7 Miniature Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECU1407C-TG Datasheet(HTML) 6 Page - Sanken electric

Back Button SECU1407C-TG Datasheet HTML 2Page - Sanken electric SECU1407C-TG Datasheet HTML 3Page - Sanken electric SECU1407C-TG Datasheet HTML 4Page - Sanken electric SECU1407C-TG Datasheet HTML 5Page - Sanken electric SECU1407C-TG Datasheet HTML 6Page - Sanken electric SECU1407C-TG Datasheet HTML 7Page - Sanken electric SECU1407C-TG Datasheet HTML 8Page - Sanken electric SECU1407C-TG Datasheet HTML 9Page - Sanken electric SECU1407C-TG Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LED Data Sheet - SECU1407C-TG
● Attention after opened
The LED is in SMD package. When the LED is mounted by means of soldering and the resin
is unusually damp, soldering may cause interfacial defoliation.
This occurs when a drastic temperature change causes moisture in the resin to evaporate and
to swell. Therefore, attention to the below must be paid.  
① Atmosphere when using the LEDs after package is opened
After opened and mounted, soldering should be carried out quickly.
Following atmosphere is recommended when using (and mounting) the LEDs.
Temperature : 5~30℃
Humidity : less than 70%
② Baking
In case 168 hours have passed after package is opened, LEDs must be dried as follows.
60±5 ℃ for more than 24 hours (taping reel)
③ Storage after package is opened
Following storage conditions are recommended after package is opened.
In case indicator color (blue) of desiccant (ex. silica gel) has disappeared,
LEDs must be dried under the same conditions as ② above.
● Other
① After soldering any mechanical force or excessive vibration should not be applied to LEDs during
cooling process until the LEDs cool down to normal temperature.
② Quick cooling must be avoided.
③ The LEDs should not be mounted on warped direction of PCB.
    SANKEN ELECTRIC COMPANY, LTD.
Page 6 / 10


Similar Part No. - SECU1407C-TG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1401C-S SANKEN-SECU1401C-S Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SECU1401C-S SANKEN-SECU1401C-S Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SECU1403C-S SANKEN-SECU1403C-S Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
More results

Similar Description - SECU1407C-TG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1205C-S SANKEN-SECU1205C-S Datasheet
205Kb / 10P
   1.6*0.8*0.55 Miniature Surface Mount LED
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
logo
SunLED Corporation
XZFBA53S10MAV-4 SUNLED-XZFBA53S10MAV-4 Datasheet
283Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZVG53S-4 SUNLED-XZVG53S-4 Datasheet
286Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZMDK53S-4 SUNLED-XZMDK53S-4 Datasheet
283Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZMYK53S-4 SUNLED-XZMYK53S-4 Datasheet
287Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APHF1608LSEEQBDZGKC KINGBRIGHT-APHF1608LSEEQBDZGKC Datasheet
347Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com