Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SECG1WA0EY-S Datasheet(PDF) 6 Page - Sanken electric

Part # SECG1WA0EY-S
Description  3.0*1.4 Flat View LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECG1WA0EY-S Datasheet(HTML) 6 Page - Sanken electric

Back Button SECG1WA0EY-S Datasheet HTML 2Page - Sanken electric SECG1WA0EY-S Datasheet HTML 3Page - Sanken electric SECG1WA0EY-S Datasheet HTML 4Page - Sanken electric SECG1WA0EY-S Datasheet HTML 5Page - Sanken electric SECG1WA0EY-S Datasheet HTML 6Page - Sanken electric SECG1WA0EY-S Datasheet HTML 7Page - Sanken electric SECG1WA0EY-S Datasheet HTML 8Page - Sanken electric SECG1WA0EY-S Datasheet HTML 9Page - Sanken electric SECG1WA0EY-S Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LED Data Sheet - SECG1WA0EY-S
● Soldering conditions
Following soldering conditions are recommended.
① Reflow conditions(at the surface of LED resin)
Pre-heat :150 ~ 180 ℃、60 ~ 120 sec
Soldering temperature: Soldering time more than 220℃ is less than 40 sec.
Peak temperature is should be is less than 260℃.
② Manual soldering
Temperature of soldering iron tip should be 350±10℃ for 3 seconds, which shall apply to only one
soldered point and once for the each soldered point.
③ Recommendable soldering pattern
Unit:mm
    SANKEN ELECTRIC COMPANY, LTD.
Reflow soldering profile
20
60
100
140
180
220
260
300
0
50
100
150
200
250
300
Soldering Time
Pre-heat
60 ~ 120 sec
Max 40
sec
Peak Max 260℃
1.2
Page 6 / 12


Similar Part No. - SECG1WA0EY-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECG1WD07YPD SANKEN-SECG1WD07YPD Datasheet
758Kb / 11P
   1.6횞0.8횞t0.7 SMD type LED
More results

Similar Description - SECG1WA0EY-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU120EC-S SANKEN-SECU120EC-S Datasheet
180Kb / 10P
   3.0*1.4 Flat View LED
SECU180EC-SA SANKEN-SECU180EC-SA Datasheet
178Kb / 10P
   3.0*1.4 Flat View LED
SECU190EC-S SANKEN-SECU190EC-S Datasheet
183Kb / 10P
   3.0*1.4 Flat View LED
SECG1D0EC-S SANKEN-SECG1D0EC-S Datasheet
199Kb / 11P
   3.0*1.4 Flat View LED
logo
Everlight Electronics C...
28-21SURC-S530-XX-TR8 EVERLIGHT-28-21SURC-S530-XX-TR8 Datasheet
150Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX EVERLIGHT-28-21SDRC-S530-XX-XXX Datasheet
249Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX_11 Datasheet
275Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21UYC-S530-XX-XXX TO-GRACE-28-21UYC-S530-XX-XXX Datasheet
592Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
Everlight Electronics C...
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX Datasheet
184Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21SDRC-S530-XX-XXX TO-GRACE-28-21SDRC-S530-XX-XXX Datasheet
895Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com