Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEC1901C Datasheet(PDF) 9 Page - Sanken electric

Part # SEC1901C
Description  3.0*1.5 Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC1901C Datasheet(HTML) 9 Page - Sanken electric

Back Button SEC1901C Datasheet HTML 2Page - Sanken electric SEC1901C Datasheet HTML 3Page - Sanken electric SEC1901C Datasheet HTML 4Page - Sanken electric SEC1901C Datasheet HTML 5Page - Sanken electric SEC1901C Datasheet HTML 6Page - Sanken electric SEC1901C Datasheet HTML 7Page - Sanken electric SEC1901C Datasheet HTML 8Page - Sanken electric SEC1901C Datasheet HTML 9Page - Sanken electric SEC1901C Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LED Data Sheet - SEC1901C
● Taping reel dimensions
    SANKEN ELECTRIC COMPANY, LTD.
Label
2.0
±0.2
φ13
φ22
±0.3
9.0
11.4±1.0
-3
+0
φ180
±0.2
Tolerance ±0.2
MADE IN JAPAN
P/N
SEC*****
LOT NO. ****
SANKEN ELECTRIC CO., LTD
QTY
3,000 PCS
①Quantity
②Accumulative pitch tolerance
③Adhesion strength of cover tape
④Packaging
at the angle of 10 degrees.
P/N, manufacturing date code number and quantity shall be indicated on a moist-proof package.
Adhesion strength shall be 0.1-0.7N when the cover tape and the carrier tape are torn off
Accumulative tolerance per 10 pitches shall be ±0.2mm.
The quantity per reel shall be 3000 pcs.
RANK *
Page 9 / 10


Similar Part No. - SEC1901C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1901C SANKEN-SEC1901C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1901C SANKEN-SEC1901C Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
More results

Similar Description - SEC1901C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401C SANKEN-SEC1401C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401E-TG SANKEN-SEC1401E-TG Datasheet
199Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1601C SANKEN-SEC1601C Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1701C-YG SANKEN-SEC1701C-YG Datasheet
204Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1801C SANKEN-SEC1801C Datasheet
197Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1403E-TG SANKEN-SEC1403E-TG Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1903C SANKEN-SEC1903C Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1803C SANKEN-SEC1803C Datasheet
185Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1501C SANKEN-SEC1501C Datasheet
205Kb / 10P
   3.0*1.5 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com