Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEC1803C Datasheet(PDF) 7 Page - Sanken electric

Part No. SEC1803C
Description  3.0*1.5 Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEC1803C Datasheet(HTML) 7 Page - Sanken electric

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LED Data Sheet - SEC1803C
● Reliability test
    SANKEN ELECTRIC COMPANY, LTD.
Test Items
EIAJ ED-4701
Test Conditions
Life
Steady state operating life
-
Ta=RT、Ifmax
Tests
t=1000h
High temperature storage
201
Ta=Tstgmax
t=1000h
Low temperature storage
202
Ta=Tstgmin
Environ
t=1000h
-mental Moisture Resistance
103
Ta=60±5℃、RH=90±5%
Tests
t=1000h
Temperature cycle
105
Tstgmin(30min)~Tstgmax(30min)
100cycles
Soldering heat
301
T=260±5℃、t=10s、1time
Solderaibirity
402
T=245±5℃、t=5±1s、1time、Using flux for Pb free solder
Drop
-
H=1m、Drop on maple board、10times
Mesurement Item and Criterion Judge Failure
No
Measurement Item
Mark
Criterion Judge Failure
1
Forward Voltage
VF
OK≦V.F.S.×±20%
2
Reverse Current
IR
OK≦U.S.L..×2.0
3
Luminous Intensity
Iv
OK≧I.V.S.×0.5
*Solderability … The Lead shall be covered by solder at least 95%.
Mesurement conditions is based on specifications.
Tstgmax and Tstgmin is absolute maximum ratings.
IFmax and IFPmax is absolute maximum ratings.
U.S.L. is upper limit of standard.
V.F.S. is Initial data of VF.
I.V.S. is Initial data of Luminous Intensity.
Page 7 / 10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn