Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEC1803C Datasheet(PDF) 5 Page - Sanken electric

Part No. SEC1803C
Description  3.0*1.5 Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEC1803C Datasheet(HTML) 5 Page - Sanken electric

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LED Data Sheet - SEC1803C
● Soldering conditions
Following soldering conditions are recommended.
① Reflow conditions(at the surface of LED resin)
Pre-heat :150 ~ 180 ℃、60 ~ 120 sec
Soldering temperature: Soldering time more than 220℃ is less than 40 sec.
Peak temperature is should be is less than 260℃.
② Manual soldering
Temperature of soldering iron tip should be 350±10℃ for 3 seconds, which shall apply to only one
soldered point and once for the each soldered point.
③ Recommendable soldering pattern
Unit:mm
    SANKEN ELECTRIC COMPANY, LTD.
Reflow soldering profile
20
60
100
140
180
220
260
300
0
50
100
150
200
250
300
Soldering Time
Pre-heat
60 ~ 120 sec
Max 40
sec
Peak Max 260℃
1.7
Page 5 / 10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn