Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEC1701C-YG Datasheet(PDF) 1 Page - Sanken electric

Part # SEC1701C-YG
Description  3.0*1.5 Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC1701C-YG Datasheet(HTML) 1 Page - Sanken electric

  SEC1701C-YG Datasheet HTML 1Page - Sanken electric SEC1701C-YG Datasheet HTML 2Page - Sanken electric SEC1701C-YG Datasheet HTML 3Page - Sanken electric SEC1701C-YG Datasheet HTML 4Page - Sanken electric SEC1701C-YG Datasheet HTML 5Page - Sanken electric SEC1701C-YG Datasheet HTML 6Page - Sanken electric SEC1701C-YG Datasheet HTML 7Page - Sanken electric SEC1701C-YG Datasheet HTML 8Page - Sanken electric SEC1701C-YG Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LED Data Sheet - SEC1701C-YG
SEC1701C-YG
● External Shape Type : 3.0×1.5 Surface Mount LED (Flat Lens Type)
● Color : Yellow
● Lens color : Clear
● Material of a chip : GaP
● Application : Automotive, Consumer Electronics, Office Automation, Indicator
● Feature : Standard Luminous Intensity, RoHS compliant,
Compatible with heat-resistance of lead-free solder.
●Rating  
Description
Symbol
Unit
Forward current
IF
mA
Forward current
reduction
⊿IF
mA/℃
Pulse forward
current
IFP
mA
Reverse voltage
VR
Operating temperature
Topr
Storage temperature
Tstg
●Photoelectric characteristic  (Ta=25℃)
Description
Symbol
Min
Typ
Max
Unit
Forward voltage
VF
2.0
2.5
V
Reverse current
IR
50
μA
Luminous intensity
IV
11
25
mcd
Peak wavelength
λp
570
nm
Dominant wavelength
λd
571
nm
Spectral bandwidth
⊿λ
30
nm
Directional angle
2θ1/2
-
deg.
●Luminous intensity rank (Ta=25℃)
C
11
22
D
16.5
ランク
rank
Y1
Y2
    SANKEN ELECTRIC COMPANY, LTD.
rank
Luminous intensity
range(mcd)
VR = 3V
IF = 10mA
Conditions
IF = 10mA
IF = 10mA
Avobe25℃
IF = 10mA
IF = 10mA
IF = 20mA
-30~ 85
3
-0.45
30
Ratings
波長範囲(nm)
Dominant Wavelengs range
100
f=1kHz
tw≦100μs
-30~100
Remark
Page 1 / 10


Similar Part No. - SEC1701C-YG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1701C-YG SANKEN-SEC1701C-YG Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1701C-YG SANKEN-SEC1701C-YG Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
More results

Similar Description - SEC1701C-YG

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401C SANKEN-SEC1401C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401E-TG SANKEN-SEC1401E-TG Datasheet
199Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1601C SANKEN-SEC1601C Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1801C SANKEN-SEC1801C Datasheet
197Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1403E-TG SANKEN-SEC1403E-TG Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1903C SANKEN-SEC1903C Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1803C SANKEN-SEC1803C Datasheet
185Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1501C SANKEN-SEC1501C Datasheet
205Kb / 10P
   3.0*1.5 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com