Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP43A Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 5KP43A
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

5KP43A Datasheet(HTML) 3 Page - Digitron Semiconductors

  5KP43A Datasheet HTML 1Page - Digitron Semiconductors 5KP43A Datasheet HTML 2Page - Digitron Semiconductors 5KP43A Datasheet HTML 3Page - Digitron Semiconductors 5KP43A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
5KP5.0-5KP110A
5000W TRANSIENT VOLTAGE SUPPRESSOR
ELECTRICAL CHARACTERISTICS
Breakdown Voltage
V(BR)
Reverse
Stand-Off
Voltage
VWM
(Note 1)
V(BR) @
l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Peak Pulse
Current
lPP
Fig. 2
Maximum
Temperature
Coefficient of
V(BR) αV(BR)
Part
Number(2)
Volts
Volts
mA
Volts
µA
A
mV/°C
5KP51A
51
56.7
62.7
5
82.4
10
61
60
5KP54
54
60.0
73.3
5
96.3
10
52
70
5KP54A
54
60.0
66.3
5
87.1
10
57
64
5KP58
58
64.4
78.7
5
103.0
10
49
77
5KP58A
58
64.4
71.2
5
93.6
10
53
69
5KP60
60
66.7
81.5
5
107.0
10
47
79
5KP60A
60
66.7
73.7
5
96.8
10
52
70
5KP64
64
71.1
86.9
5
114.0
10
44
85
5KP64A
64
71.1
78.6
5
103.0
10
49
75
5KP70
70
77.8
95.1
5
125
10
40
93
5KP70A
70
77.8
86.0
5
113
10
44
84
5KP75
75
83.3
102.0
5
134
10
37
100
5KP75A
75
83.3
92.1
5
121
10
41
90
5KP78
78
86.7
106.0
5
139
10
36
104
5KP78A
78
86.7
95.8
5
126
10
40
94
5KP85
85
94.4
115.0
5
151
10
33
113
5KP85A
85
94.4
104.0
5
137
10
36
102
5KP90
90
100
122
5
160
10
31
120
5KP90A
90
100
111
5
146
10
34
109
5KP100
100
111
136
5
179
10
28
134
5KP100A
100
111
123
5
162
10
31
122
5KP110
110
122
149
5
196
10
26
147
5KP110A
110
122
135
5
177
10
28
132
Note 1: Transient voltage suppressors are normally selected with reverse “Stand-Off Voltage” VWM which should be equal or greater than the dc or
continuous peak operating voltage level.
Note 2: For bidirectional construction, indicate C or CA suffix after the part number.
Note 3: For the 5KP5.0C and 5KP5.0CA double the Maximum Standby Current to 4000 uA
MECHANICAL CHARACTERISTICS
Case:
Void-free transfer molded thermosetting epoxy body
meeting UL94V-0
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band. Bidirectional not marked for polarity
sales@digitroncorp.com
Dimensions
Digi I
Inches
Millimeters
Min
Max
Min
Max
BD
0.340
0.360
8.600
9.100
BL
0.340
0.360
8.600
9.100
LD
0.047
0.053
1.194
1.346
LL
1.000
-
25.400
-
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120710


Similar Part No. - 5KP43A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP43A VISHAY-5KP43A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Surge Components
5KP43A SURGE-5KP43A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP43A HUAXINAN-5KP43A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP43A LUGUANG-5KP43A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP43A PANJIT-5KP43A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP43A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com