Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4103 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N4103
Description  12.5A SILICON CONTROLLED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4103 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N4103 Datasheet HTML 1Page - Digitron Semiconductors 2N4103 Datasheet HTML 2Page - Digitron Semiconductors 2N4103 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130108
2N3668-2N3670, 2N4103
12.5A SILICON CONTROLLED RECTIFIER
MAXIMUM RATINGS
Rating
Symbol
2N3668
2N3669
2N3670
2N4103
Units
Non-repetitive peak reverse voltage
VRM
150
330
660
700
V
Peak repetitive reverse voltage
VRRM
100
200
400
600
V
Peak forward blocking voltage
VFBOM
100
200
400
600
V
Forward current for case temperature TC = +80°C
@ average DC value at a conduction angle of 180°
RMS value
IFAV
IFRMS
8
12.5
A
Peak surge current for one cycle of applied voltage
60 Hz (sinusoidal), TC = 80°C
50 Hz (sinusoidal), TC = 80°C
IFM
200
200
170
A
Fusing current
(TJ = -40 to +100°C, t = 1 to 8.3ms)
I2t
170
A2s
Rate of change of forward current
VFB = VBOO, IGT = 200mA, 0.5ns rise time
di/dt
200
A/µs
Peak gate power for 10ns duration
PGM
40
W
Average gate power
PGAV
0.5
W
Storage temperature
Tstg
-40 to +125
°C
Operating case temperature
TC
-40 to +100
°C
*Any values of peak gate current or peak gate voltage to give the maximum gate power is permissible.
* Temperature reference point is within 1/8” of the center of the underside of unit.
ELECTRICAL CHARACTERISTICS @ maximum ratings and indicated case temperature (TC)
2N3668
2N3669
2N3670
2N4103
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Peak repetitive blocking voltage
@ TC = 100°C
VDROM
100
-
-
200
-
-
400
-
-
600
-
-
V
Forward peak blocking current
@TC = 100°C, VD = VDROM
IDOM
-
0.2
2
-
0.25
2.5
-
0.3
3
-
0.35
4
mA
Reverse peak blocking current
@ TC = 100°C, VR = VRROM
IROM
-
0.05
1
-
0.1
1.25
-
0.2
1.5
-
0.3
3
mA
Forward voltage drop @ 25A
TC = 25°C
VF
-
1.5
1.8
-
1.5
1.8
-
1.5
1.8
-
1.5
1.8
V
DC gate-trigger current
@ TC = 25°C
IGT
1
20
40
1
20
40
1
20
40
1
20
40
mA
DC gate-trigger voltage
@ TC = 25°C
VGT
-
1.5
2
-
1.5
2
-
1.5
2
-
1.5
2
V
Holding current @ TC = 25°C
IH
0.5
25
50
0.5
25
50
0.5
25
50
0.5
25
50
mA
Critical rate of forward voltage
VF = VBOO, exponential rise
TC = 100°C
dv/dt
10
100
-
10
100
-
10
100
-
10
100
-
V/µs
Turn-on time
(delay time + rise time)
VD = VDROM, IT = 8A, IG = 200mA,
0.1µs rise time, TC = 25°C
ton
-
1.25
-
-
1.25
-
-
1.25
-
-
1.25
-
µs
Turn-off time
(reverse recovery time + gate
recovery time)
IF = 8A, 50ns pulse width,
dvFS/dt = 20V/µs,
dir/dt = 30A/µs, IGT = 200mA,
TC = 80°C
toff
-
20
50
-
20
50
-
20
50
-
20
50
µs
Thermal resistance
Junction to case
R
ӨJC
-
-
1.7
-
-
1.7
-
-
1.7
-
-
1.7
°C/W


Similar Part No. - 2N4103

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4103 GE-2N4103 Datasheet
229Kb / 4P
   12.5A SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
2N4103 CENTRAL-2N4103 Datasheet
60Kb / 1P
   SILICON CONTROLLED RECTIFIER 16AMPS 220 THRU 800 VOLTS JEDEC TO-3 CASE
More results

Similar Description - 2N4103

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N3668 GE-2N3668 Datasheet
229Kb / 4P
   12.5A SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com