Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM11A Datasheet(PDF) 3 Page - Sanken electric

Part # RM11A
Description  Silicon Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM11A Datasheet(HTML) 3 Page - Sanken electric

  RM11A Datasheet HTML 1Page - Sanken electric RM11A Datasheet HTML 2Page - Sanken electric RM11A Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
RM11A
050418
3/3
61426-01
7 Package information
7-1Package type, physical dimensions and material
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.3mm(max.)
*3
The burr may exit up to 2mm from the body of lead
Dimensions in mm
7-2Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
7-3Marking
① Type number:RM11A
② Lot number 1
First digit: Last digit of Year
Second digit: Month
From 1 to 9 for Jan. to Sep.
O for Oct., N for Nov., and D for Dec.
③ Lot number 2 (ten days)
Top of the month
・・
Middle of month
・・・
End of month
62.5 ±0.7
7.2±0.2
※1
※3
※2
カソード表示
Cathode Band
Cathode Mark


Similar Part No. - RM11A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM11A SANKEN-RM11A Datasheet
20Kb / 1P
   Rectifier Diodes
logo
EIC discrete Semiconduc...
RM11A EIC-RM11A Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RM11A BILIN-RM11A Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM11A EIC-RM11A Datasheet
48Kb / 2P
   SILICON RECTIFIER DIODES
RM11A EIC-RM11A_05 Datasheet
48Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - RM11A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com