Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4441 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N4441
Description  SILICON CONTROLLED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4441 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N4441 Datasheet HTML 1Page - Digitron Semiconductors 2N4441 Datasheet HTML 2Page - Digitron Semiconductors 2N4441 Datasheet HTML 3Page - Digitron Semiconductors 2N4441 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130117
2N4441-2N4444
SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage(1)
2N4441
2N4442
2N4443
2N4444
VRRM, VDRM
50
200
400
600
Volts
Non repetitive peak reverse blocking voltage
(t = 5ms (max.) duration)
2N4441
2N4442
2N4443
2N4444
VRSM
75
300
500
700
Volts
Forward current RMS (all conduction angles)
IT(RMS)
8
Amps
Average on state current, TC = 73°C
IT(AV)
5.1
Amps
Peak non-repetitive surge current
(1/2 cycle, 60Hz preceded and followed by rated current and voltage)
ITSM
80
Amps
Circuit fusing considerations, TJ = -40 to +100°C; t = 8.3ms
I2t
25
A2s
Forward peak gate power
PGM
5
Watts
Average gate power
PG(AV)
0.5
Watts
Forward peak gate current
IGM
2
Amps
Peak reverse gate voltage
VRGM
10
Volts
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque (6-32 screw)(2)
-
8
In. lb.
Note 1: Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages
shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Note 2: Torque rating applies with use of torque washer. Mounting torque in excess of 8 in. lbs. does not appreciably lower case-to-sink thermal resistance. Anode lead and
heatsink contact pad are common. Soldering temperatures shall not exceed 225°C.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typical
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
-
2.5
°C/W
Thermal resistance, junction to ambient
R
ӨJA
40
-
°C/W
ELECTRICAL CHARACTERISTICS (TC 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak forward blocking current
(Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 100°C
IDRM or IRRM
-
-
-
-
10
2
µA
mA
Gate trigger current (continuous dc)
(VD = 7 Vdc, RL = 100 Ω)
TC = 25°C
TC = -40°C
IGT
-
-
7
-
30
60
mA


Similar Part No. - 2N4441

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4441 MOTOROLA-2N4441 Datasheet
162Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4441 NJSEMI-2N4441 Datasheet
113Kb / 1P
   SCR, V(DRM) = 50V TO 99.9V
More results

Similar Description - 2N4441

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com