Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N201 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 3N201
Description  DUAL GATE MOSFET VHF AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N201 Datasheet(HTML) 1 Page - Digitron Semiconductors

  3N201 Datasheet HTML 1Page - Digitron Semiconductors 3N201 Datasheet HTML 2Page - Digitron Semiconductors 3N201 Datasheet HTML 3Page - Digitron Semiconductors 3N201 Datasheet HTML 4Page - Digitron Semiconductors 3N201 Datasheet HTML 5Page - Digitron Semiconductors 3N201 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N201-3N203
DUAL GATE MOSFET VHF AMPLIFIER
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain-source voltage
VDS
25
Vdc
VDG1
Drain-gate voltage
VDG2
30
Vdc
Drain current
ID
50
mAdc
IG1
Gate current
IG2
±10
mAdc
Total device dissipation @ TA = 25°C
Derate above 25°C
PD
360
2.4
mW
mW/°C
Total device dissipation @ TC = 25°C
Derate above 25°C
PD
1.2
8.0
W
mW/°C
Lead temperature
TL
300
°C
Junction temperature range
TJ
-65 to 175
°C
Storage temperature range
Tstg
-65 to 175
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-source breakdown voltage
(ID = 10µAdc, VS = 0, VG1S = VG2S = -5.0Vdc)
V(BR)DSX
25
-
-
Vdc
Gate 1-source breakdown voltage (1)
(IG1 = ±10mAdc, VG2S = VDS = 0)
V(BR)G1SO
±6.0
±12
±30
Vdc
Gate 2-source breakdown voltage (1)
(IG2 = ±10mAdc, VG1S = VDS = 0)
V(BR)G2SO
±6.0
±12
±30
Vdc
Gate 1 leakage current
(VG1S = ±5.0Vdc, VG2S = VDS = 0)
(VG1S = -5.0Vdc, VG2S = VDS = 0, TA = 150°C)
IG1SS
-
-
±0.040
-
±10
-10
nAdc
µAdc
Gate 2 leakage current
(VG2S = ±5.0Vdc, VG1S = VDS = 0)
(VG2S = -5.0Vdc, VG1S = VDS = 0, TA = 150°C)
IG2SS
-
-
±0.050
-
±10
-10
nAdc
µAdc
Gate 1 to source cutoff voltage
(VDS = 15Vdc, VG2S = 4.0Vdc, ID = 20µAdc)
VG1S(off)
-0.5
-1.5
-5.0
Vdc
Gate 2 to source cutoff voltage
(VDS = 15Vdc, VG1S = 0, ID = 20µAdc)
VG2S(off)
-0.2
-1.4
-5.0
Vdc
ON CHARACTERISTICS
Zero-gate voltage drain current (2)
(VDS = 15Vdc, VG1S = 0, VG2S = 4.0Vdc)
3N201, 3N202
3N203
IDSS
6.0
3.0
13
11
30
15
mAdc
SMALL SIGNAL CHARACTERISTICS
Forward transfer admittance(3)
(VDS = 15Vdc, VG2S = 4.0Vdc, VG1S = 0, f = 1.0kHz)
3N201, 3N202
3N203
|Yfs|
8.0
7.0
12.8
12.5
20
15
mmhos
Input capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID = IDSS, f = 1.0MHz)
Ciss
-
3.3
-
pF
Reverse transfer capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID = 10mAdc, f = 1.0MHz)
Crss
0.005
0.014
0.03
pF
Output capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID = IDSS, f = 1.0MHz)
Coss
-
1.7
-
pF
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 3N201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N201 MOTOROLA-3N201 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N201 NJSEMI-3N201 Datasheet
163Kb / 2P
   TO-72
logo
American Microsemicondu...
3N201 AMMSEMI-3N201 Datasheet
116Kb / 1P
   Discrete Semiconductors
More results

Similar Description - 3N201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N201 MOTOROLA-3N201 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
   DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
MFE120 DIGITRON-MFE120 Datasheet
689Kb / 4P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N211 NJSEMI-3N211 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
New Jersey Semi-Conduct...
MFE140 NJSEMI-MFE140 Datasheet
106Kb / 2P
   DUAL-GATE MOSFET DUAL-GATE FM AMPLIFIER
logo
Digitron Semiconductors
MFE140 DIGITRON-MFE140 Datasheet
191Kb / 5P
   DUAL GATE MOSFET FM AMPLIFIER
logo
Toshiba Semiconductor
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com