Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N212 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 3N212
Description  DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N212 Datasheet(HTML) 2 Page - Digitron Semiconductors

  3N212 Datasheet HTML 1Page - Digitron Semiconductors 3N212 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N211-3N213
DUAL-GATE VHF AMPLIFIER
N-CHANNEL - DEPLETION
ELECTRICAL CHARACTERISTICS (TA = 25° unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
FUNCTIONAL CHARACTERISTICS (con’t)
Common Source Power Gain
(VDD = 18 Vdc, VGG = 7.0 Vdc, f = 200 MHz)
(VDD = 24 Vdc, VGG = 6.0 Vdc, f = 45 MHz)
(VDD = 24 Vdc, VGG = 6.0 Vdc, f = 45 MHz)
(VDD = 18 Vdc, fLO = 245 MHz, fRF = 200 MHz)
3N211
3N211
3N213
3N212
Gps
Gc(6)
24
29
27
21
35
37
35
28
dB
Bandwidth
(VDD = 18 Vdc, VGG = 7.0 Vdc, f = 200 MHz)
(VDD = 18 Vdc, fLO = 245 MHz, fRF = 200 MHz)
(VDD = 24 Vdc, VGG = 6.0 Vdc, f = 45 MHz)
3N211
3N212
3N211, 3N213
BW
5.0
4.0
3.5
12
7.0
6.0
MHz
Gain Control Gate Supply Voltage(5)
(VDD = 18 Vdc, Δ Gps = -30 dB, f = 200 MHz)
(VDD = 24 Vdc, Δ Gps = -30 dB, f = 45 MHz)
3N211
3N211, 3N213
Vgg(gc)
-
-
-2.0
±1.0
Vdc
(1)
Measured after five seconds of applied voltage.
(2)
All gate breakdown voltages are measured while the device is conducting rated gate current. This ensures that the gate voltage limiting network is functioning
properly.
(3)
Pulse test: Pulse width = 300µs, Duty cycle ≤ 2.0%.
(4)
This parameter must be measured with bias voltages applied for less than 5 seconds to avoid overheating. The signal is applied to gate 1 with gate 2 at ac ground.
(5)
Δ Gps is defined as the change in Gps from the value at VGG = 7.0 Volts (3N211) and VGG = 6.0 Volts (3N213).
(6)
Power Gain Conversion. Amplitude at input from local oscillator is adjusted for maximum GC.
TO-72
Inches
Millimeters
Dim
Min
Max
Min
Max
A
-
0.230
-
5.840
B
-
0.195
-
4.950
C
-
0.210
-
5.330
D
-
0.021
-
0.530
E
-
0.030
-
0.760
F
-
0.019
-
0.480
G
0.100 BSC
2.540 BSC
H
-
0.046
-
1.170
J
-
0.0480
-
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Similar Part No. - 3N212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N212 MOTOROLA-3N212 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
New Jersey Semi-Conduct...
3N212 NJSEMI-3N212 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
American Microsemicondu...
3N212 AMMSEMI-3N212 Datasheet
116Kb / 1P
   Discrete Semiconductors
More results

Similar Description - 3N212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N201 MOTOROLA-3N201 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
Digitron Semiconductors
3N201 DIGITRON-3N201 Datasheet
1Mb / 6P
   DUAL GATE MOSFET VHF AMPLIFIER
MFE120 DIGITRON-MFE120 Datasheet
689Kb / 4P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N211 NJSEMI-3N211 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
Toshiba Semiconductor
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com