Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C35B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # C35B
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C35B Datasheet(HTML) 1 Page - Digitron Semiconductors

  C35B Datasheet HTML 1Page - Digitron Semiconductors C35B Datasheet HTML 2Page - Digitron Semiconductors C35B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C35 SERIES
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage(1)
(TC = -65 to +125°C)
C35U
C35F
C35A
C35G
C35B
C35H
C35C
C35D
C35E
C35M
C35S
C35N
VDRM or
VRRM
25
50
100
150
200
250
300
400
500
600
700
800
Volts
Non-repetitive peak reverse voltage
(TC = -65 to +125°C, V < 5.0ms)
C35U
C35F
C35A
C35G
C35B
C35H
C35C
C35D
C35E
C35M
C35S
C35N
VRSM
35
75
150
225
300
350
400
500
600
720
840
960
Volts
Forward current RMS (all conduction angles)
IT(RMS)
35
Amps
Peak non-repetitive surge current (1cycle, 60 Hz)
ITSM
225
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
75
A2s
Forward peak gate power
PGM
5
Watts
Forward average gate power
PG(AV)
0.5
Watts
Peak reverse gate voltage
VGRM
5
Volts
Operating junction temperature range
TJ
-65 to +125
°C
Storage temperature range
Tstg
-65 to +150
°C
Note 1: VDRM and VRRM for all types can be applied on a continuous dc basis without incurring damage. Ratings apply for zero or negative gate voltage. Devices should not be tested
for blocking capability in a manner such that the voltage supplied exceeds the rated blocking voltage.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
1.7
°C/W
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130129


Similar Part No. - C35B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C35B WTE-C35B Datasheet
23Kb / 2P
   35A AUTOMOTIVE RECTIFIER CELL
C35B WTE-C35B Datasheet
42Kb / 2P
   35A AUTOMOTIVE CELL DIODE
C35B WTE-C35B Datasheet
31Kb / 2P
   35A AUTOMOTIVE CELL DIODE
logo
New Jersey Semi-Conduct...
C35B NJSEMI-C35B Datasheet
128Kb / 2P
   C35 SERIES
More results

Similar Description - C35B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com